Electronic Components Datasheet Search
  English  ▼

X  

AW9920 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9920
Description  Inductor-Boost White LED Driver with Ultra-low EMI and PWM to DC Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9920 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9920 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9920 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AW9920
September 2017 V1.0
www.awinic.com.cn
4
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISCTICS
Test Condition: TA = 25℃, VIN = 3.7V,CIN=1uF,COUT=0.47uF,IOUT=20mA,L=10uH (Unless otherwise
specified)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND CURRENT
VIN
Input voltage range
2.7
5.5
V
IQ
Operating quiescent current
FB=1.5V,No Switching
675
800
uA
IIN
Operation current
FB=0V,Switching
1.7
2.2
mA
ISHDN
Shutdown current
VEN<0.4V
0.1
1
uA
SYSTEM PARAMETER
RDS(ON)
NMOS
on-resistance
TA=25°C
1
1.2
Ω
ISW
SW pin leakage current
0.1
uA
ILIM
Current limit
1
A
ILED
LED driving current
20
mA
FOSC
Switching frequency
0.6
0.8
1
MHz
Dmax
Maximum SW duty cycle
92
95
%
Ts
Soft-start time
400
us
OVP
Over voltage protection voltage
Measured at VOUT pin
38
V
TOTP
Thermal shutdown threshold
157
°C
Thys
Thermal shutdown threshold hysteresis
40
°C
PWM DIMMING TIMING
FPWM
PWM dimming signal frequency at
EN pin
5
20
100
kHz
ENABLE
AND REFERENCE CONTROL
VIH
Logic high level
1.4
V
VIL
Logic low level
0.3
V
REN
Built-in resistor at EN pin
200
k
Ω
TSHDN
Shut down delay
From EN fall edge to
Chip shutdown
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com