Electronic Components Datasheet Search
  English  ▼

X  

AW9962 Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW9962
Description  White LED Driver with PWM Brightness Control in Small Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9962 Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW9962 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AW9962
Jun 2018
V1.3
www.awinic.com.cn
13
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
DETAILED FUNCTIONAL DESCRIPTION
The AW9962 is a high efficiency, high output voltage boost converter in small package size. The device is
ideal for driving up to 10 white LED in series. The serial LED connection provides even illumination by
sourcing the same output current through all LEDs. The device integrates 40V/2.0A switch FET and operates
in pulse width modulation (PWM) with 1.1MHz fixed switching frequency. The duty cycle of the converter is
set by the error amplifier output and the current signal applied to the PWM control comparator. The control
architecture is based on traditional current-mode control. Therefore, slope compensation is added to the
current signal to allow stable operation for duty cycle larger than 50%. The feedback loop regulates the FB pin
to a low reference voltage (200mV typical), reducing the power dissipation in the current sense resistor.
SOFT START-UP
Soft-start circuitry is integrated into the IC to avoid a high inrush current during start-up. After the device is
enabled, the voltage at FB pin ramps up to the reference voltage. This ensures that the output voltage rises
slowly to reduce the input current.
OPEN LED OVER-VOLTAGE PROTECTION
Open LED over-voltage protection circuitry prevents IC damage as the result of white LED disconnection. The
AW9962 monitors the voltage at the SW pin during each switching cycle. The circuitry turns off the switch FET
as soon as the SW voltage exceeds the VOVP threshold for 8 clock cycles.
SHUTDOWN
The CTRL input is used to enable or disable the AW9962. Pulling the CTRL pin higher than 1.4V will enable
the device. The AW9962 has an internal shutdown delay circuitry, when the CTRL pin is held low for an
amount of time longer than 2.5ms, the AW9962 will enter shutdown mode and the input supply current for the
device is l
ess than 1μA. Although the internal FET does not switch in shutdown, there is still a DC current path
between the input and the LEDs through the inductor and Schottky diode. The minimum forward voltage of
the LED array must exceed the maximum input voltage to ensure that the LEDs remain off in shutdown.
However, in the typical application with two or more LEDs, the forward voltage is large enough to reverse bias
the Schottky and keep leakage current low.
UNDER-VOLTAGE LOCKOUT
An under-voltage lockout prevents operation of the device at input voltage below typical 2.2V. When the input
voltage is below the under-voltage threshold, the internal switch FET is turned off. If the input voltage rises by
under-voltage lockout hysteresis, the IC restarts.
CURRENT PROGRAM
The FB voltage is regulated by a low 200mV reference voltage. The LED current is programmed externally
using a current sense resistor in series with the LED string. The value of the RSET can be calculated by the
following equation:
SET
FB
LED
R
V
=
I
(1)
Where:
ILED = output current of LEDs
VFB = regulated voltage of FB
RSET = current sense resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com