Electronic Components Datasheet Search
  English  ▼

X  

AW33201CSR Datasheet(PDF) 6 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 6 Page - Shanghai awinic technology co.,ltd

Back Button AW33201CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
6
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
F, IIN≤ 4.5A
and TA = 25°C.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
Rdson
Switch on resistance
VIN = 5V, IOUT = 1A, TA = 25°C
30
40
m
IQ
Input quiescent current
VIN = 5V, IOUT = 0A
78
120
A
Protection
VIN_OVLO
OVP trip level
AW33201
VIN rising
6.0
6.2
6.4
V
Hysteresis
0.11
AW33205
VIN rising
6.66
6.80
6.94
Hysteresis
0.15
AW33209
VIN rising
10.2
10.5
10.8
Hysteresis
0.22
VIN_UVLO
UVLO trip level
AW33201/
AW33209
VIN rising
2.3
2.5
V
Hysteresis
0.14
AW33205
VIN rising
2.2
2.4
Hysteresis
0.08
TSDN
Shutdown temperature
AW33201/AW33209
140
°C
AW33205
150
TSDN_HYS
Shutdown temperature
hysteresis
20
°C
Timing Characteristics (Figure 5)
tDEB
Debounce time
From VIN > VIN_UVLO to 10%
VOUT
15
ms
tON
Switch turn-on time
RL = 100
, CL = 22F, VOUT
from 10% VIN to 90% VIN
2
ms
tOFF
Switch turn-off time
RL = 100
CL = 0F, VIN >
VIN_OVLO to VOUT stop rising,
VIN rise at 10V/
s
100
ns
TIMING DIAGRAM
VIN
VOUT
OVP trip level
tDEB
tON
tOFF
tDEB
tON
Figure 5 Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com