Electronic Components Datasheet Search
  English  ▼

X  

AW36413 Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW36413
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW36413 Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW36413 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW36413 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AW36413
July 2018 V1.4
www.awinic.com.cn
13
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Typical Characteristics (continued)
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = IN, CIN = COUT = 2×10 µF and L=1 µH, unless
otherwise noted .
1.900
1.925
1.950
1.975
2.000
2.025
2.050
2.075
2.100
2.125
2.150
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
VIN (V)
Fig 29. 2-Mhz Frequency vs Input Voltage
3.800
3.850
3.900
3.950
4.000
4.050
4.100
4.150
4.200
4.250
4.300
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
VIN (V)
Fig 30. 4-Mhz Frequency vs Input Voltage
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
HWEN=1.8 V
I2C=1.8 V
Fig 31. Standby Current vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
HWEN=1.8 V
I2C=0 V
Fig 32. Standby Current vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
HWEN=VIN
I2C=VIN
Fig 33. Standby Current vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
HWEN=VIN
I2C=0 V
Fig 34. Standby Current vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com