Electronic Components Datasheet Search
  English  ▼

X  

AW33205CSR Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW33205CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33205CSR Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW33205CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33205CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Part Number
Temperature
Package
Marking
Moisture
Sensitivity
Level
Environmental
Information
Delivery
Form
AW33201CSR
-40°C
– 85°C
1.245mm ×
1.245mm ×
0.597mm
WLCSP-9
3201
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW33205CSR
-40°C
– 85°C
1.245mm ×
1.245mm ×
0.597mm
WLCSP-9
3205
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW33209CSR
-40°C
– 85°C
1.245mm ×
1.245mm ×
0.597mm
WLCSP-9
3209
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW332XX
Shipping
R: Tape & Reel
Package Type
CS: CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com