Electronic Components Datasheet Search
  English  ▼

X  

AW36414CSR Datasheet(PDF) 21 Page - Shanghai awinic technology co.,ltd

Part # AW36414CSR
Description  High Efficiency, Dual Independent 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW36414CSR Datasheet(HTML) 21 Page - Shanghai awinic technology co.,ltd

Back Button AW36414CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW36414CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AW36414
Jan 2018 V1.3
www.awinic.com.cn
21
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Flash Event
VIN
VIN
VIN
Flash Current
Flash Current
Flash Current
Hysteresis = 0 or 50mV
Target Flash Current
IVFM-Threshold
IVFM-Threshold
IVFM-Threshold
Flash Current with
IVFM Disable
Stop & Hold
Mode
Down
Mode
Up & Down
Mode
Hysteresis = 0 or 50mV
Fig 50
IVFM Modes
FLASH TIMEOUT
The Flash Timeout period sets the maximum time of one flash event, whether a flash stop command is
received or not. The AW36414 has 16 timeout levels ranging from 40ms to 1.6s (see TIMING
CONFIGURATION REGISTER (0X08) for more detail). Flash Timeout applies to both Flash and IR modes,
and it continues to count when the Flash mode is forced into Torch mode during a TX high event. The mode
bits are cleared and bit[0] is set in the Flags1 register(0x0A) upon a Flash Timeout. This fault flag can be reset
to '0' by reading back the Flags1 Register (0x0A), or by setting HWEN to '0', or by setting the SW RESET bit
to a '1', or by removing power to the AW36414.
CURRENT LIMIT
When the inductor current limit is reached, the AW36414 terminates the charging phase of the switching cycle
until the next switching period. If the over-current condition persists, the device operates continuously in
current limit. The AW36414 features two selectable inductor current limits(1.9A and 2.8A) that are
programmable by bit[0] in Boost configuration Register(0x07).
Since the current limit is sensed in the NMOS switch, there is no mechanism to limit the current when the
device operates in Pass Mode (current does not flow through the NMOS in pass mode). The mode bits are
not cleared upon a Current Limit event, but a flag bit[3] is set in the Flags1 register(0x0A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com