Electronic Components Datasheet Search
  English  ▼

X  

AW33802CSR Datasheet(PDF) 9 Page - Shanghai awinic technology co.,ltd

Part # AW33802CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33802CSR Datasheet(HTML) 9 Page - Shanghai awinic technology co.,ltd

Back Button AW33802CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW33802CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
9
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS (CONTINUED)
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
F, IIN≤ 4.5A
and TA = 25°C.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
Timing Characteristics (Figure 6)
tDEB
Debounce time
From VIN > VIN_UVLO to 10%
VOUT
15
ms
tON
Switch turn-on time
RL = 100
, CL = 22F, VOUT
from 10% VIN to 90% VIN
2
ms
tOFF
Switch turn-off time
RL = 100
CL = 0F, VIN >
VIN_OVLO to VOUT stop rising,
VIN rise at 10V/
s
90
ns
TIMING DIAGRAM
VIN
VOUT
OVP trip level
tDEB
tON
tOFF
tDEB
tON
Figure 6 Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com