Electronic Components Datasheet Search
  English  ▼

X  

8STA Datasheet(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8STA
Description  Solder Contacts on Both Sides of Bulkhead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8STA Datasheet(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  8STA Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies 8STA Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies 8STA Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
8STA Series | Hermetic Feedthrough
Description
• Solder contacts on both sides of bulkhead
• Designed for high vibration environment
• Wire soldered on both sides of the
feed-through: no plugs needed
• Cost and space saving:
. Adapted to space-constrained area
. No plugs necessary
• Easy to solder:
. Contacts fully tin plated
. Different contact sizes available
• High performance sealing: <1.10-7 atm.cm3/s
35
22#22D
Service M
12
Mechanical
• Shell: Stainless steel
• Shell plating: Passivated
• Insulator: Glass bead
• Contact: Nickel iron, tin plated
Electrical
• Test voltage: Service M: 1300V
• Contact resistance: 2 mΩ
• Insultation resitance:
≥ 5000MΩ (at 500Vdc)
• Contact rating: Size 22D: 3 A
Environmental
• Operating temperature:
-55°C to +175°C
• Sealing mated connectors:
IP67 (1 meter for 30 min minimum)
• Salt spray: 48 hours
• Hermeticity: 1.10-7cm3/s
Technical features
Contact layouts (viewed from front face of male insulator)
Consult us for other layouts or shell sizes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com