Electronic Components Datasheet Search
  English  ▼

X  

2N5484 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5484
Description  JFET VHF/UHF Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5484 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5484 Datasheet HTML 1Page - ON Semiconductor 2N5484 Datasheet HTML 2Page - ON Semiconductor 2N5484 Datasheet HTML 3Page - ON Semiconductor 2N5484 Datasheet HTML 4Page - ON Semiconductor 2N5484 Datasheet HTML 5Page - ON Semiconductor 2N5484 Datasheet HTML 6Page - ON Semiconductor 2N5484 Datasheet HTML 7Page - ON Semiconductor 2N5484 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5484 2N5486
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
SMALL– SIGNAL CHARACTERISTICS (continued)
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
—
—
5.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
—
1.0
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Coss
—
—
2.0
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure
(VDS = 15 Vdc, VGS = 0, RG = 1.0 Megohm, f = 1.0 kHz)
(VDS = 15 Vdc, ID = 1.0 mAdc, RG ≈ 1.0 kΩ, f = 100 MHz)
2N5484
(VDS = 15 Vdc, ID = 1.0 mAdc, RG ≈ 1.0 kΩ, f = 200 MHz)
2N5484
(VDS = 15 Vdc, ID = 4.0 mAdc, RG ≈ 1.0 kΩ, f = 100 MHz)
2N5486
(VDS = 15 Vdc, ID = 4.0 mAdc, RG ≈ 1.0 kΩ, f = 400 MHz)
2N5486
NF
—
—
—
—
—
—
—
4.0
—
—
2.5
3.0
—
2.0
4.0
dB
Common Source Power Gain
(VDS = 15 Vdc, ID = 1.0 mAdc, f = 100 MHz)
2N5484
(VDS = 15 Vdc, ID = 1.0 mAdc, f = 200 MHz)
2N5484
(VDS = 15 Vdc, ID = 4.0 mAdc, f = 100 MHz)
2N5486
(VDS = 15 Vdc, ID = 4.0 mAdc, f = 400 MHz)
2N5486
Gps
16
—
18
10
—
14
—
—
25
—
30
20
dB
POWER GAIN
2.0
ID, DRAIN CURRENT (mA)
Figure 1. Effects of Drain Current
4.0
24
8.0
12
16
20
0
4.0
6.0
8.0
10
12
14
f = 100 MHz
400 MHz
Tchannel = 25°C
VDS = 15 Vdc
VGS = 0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com