Electronic Components Datasheet Search
  English  ▼

X  

CH5590 Datasheet(PDF) 2 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH5590
Description  8-Bit USB Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.

CH5590 Datasheet(HTML) 2 Page - Nanjing Qinheng Microelectronics Co., Ltd.

  CH5590 Datasheet HTML 1Page - Nanjing Qinheng Microelectronics Co., Ltd. CH5590 Datasheet HTML 2Page - Nanjing Qinheng Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://wch.cn
2
CH559 芯片内置 5V 到 3.3V 的电压调整器,内部工作电压为 3.3V,支持外部 3.3V 或者 5V 电源输入。
CH559 支持低功耗睡眠,支持 USB、UART0、UART1、SPI0 以及部分 GPIO 外部唤醒。
8、内部框图
Pins:
GND
VIN5 VDD33
P00~P07
P10~P17 P20~P27 P30~P37 P40~P47 P50/1/4/5/7
Internal Address & Data & DMA Bus
Internal
Oscillator
iRAM 256B
xRAM 6KB
Power-on
Reset
Watch-dog
Reset
Flash-ROM 64KB
(Code or Data)
1T
E8051 Core
8-bit
Port3
8-bit
Port2
USB
H/D
5-bit
Port5
ADC
8-bit
Port1
8-bit
Port0
XT
OSC
8-bit
Port4
LED
Ctrl
SPI0
M/S
UART1
Modem
UART0
PWM1
PWM2
SPI1
M
8-bit
xBUS
LDO VolReg 5V->3.3V
T0
T1
T2
Timer3
PWM3
PLL
USB
XT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com