Electronic Components Datasheet Search
  English  ▼

X  

TGS3830 Datasheet(PDF) 2 Page - Figaro Engineering Inc.

Part # TGS3830
Description  Detection Chlorofluorocarbons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS3830 Datasheet(HTML) 2 Page - Figaro Engineering Inc.

  TGS3830 Datasheet HTML 1Page - Figaro Engineering Inc. TGS3830 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
Structure and Dimensions:
Basic Measuring Circuit:
REV: 09/16
The sensor requires two voltage
inputs: heater voltage (VH) and circuit
voltage (VC). The sensor has three
pins: Pin #3--heater (+), Pin #2--sensor
electrode (+), and Pin #1--common (-).
To maintain the sensing element at
specific temperatures which are optimal
for sensing two different gases, heater
voltage of 0.8V is applied continuously
between pins #1 and #3.
Circuit voltage (VC) is applied between
both ends of the sensor (Rs) and a load
resistor (RL), which are connected in
series,toallowmeasurementofvoltage
(VRS).
Specifications:
NOTE: Sensor resistance (Rs) is
calculated with a measured value of VRS
by using the following formula:
RS =
x RL
All sensor characteristics shown in this brochure represent typical characteristics.Actual
characteristics vary from sensor to sensor. The only characteristics warranted are those
in the Specification table above.
Sensor
RS
RH
VH
VC
(+)
(-)
VRS
(+)
(-)
1
3
2
RL
Basic measuring circuit
(VRS - 0.5VH)
(Vc-VRS)
Model number
TGS3830
Sensing element type
Micro-bead
Standard package
Plastic base and metal can
Target gases
R-134a
Typical detection range
5~100ppm
Standard circuit
conditions
Heater voltage
VH
VH = 0.8V±3%
Circuit voltage
VC
5.0V DC max.
Load resistance
RL
variable (10kΩ min.)
Electrical
characteristics
under standard test
conditions
Heater resistance
RH
3.0±0.3Ω at room temp.
Heater power
consumption
PH
approx. 100mW
Sensor resistance
RS
10~640kΩ in air
Sensitivity
(change ratio of Rs)
≤0.85
Rs (10ppm R134a)
Rs (air)
Standard test
conditions
Test gas conditions
Target gas in air
at 20±2˚C, 65±5%RH
Circuit conditions
VH = 0.8V±2%
Conditioning period
before test
1 hour
Expected lifetime (total operating time)
2,000 hours in air
IMPORTANT: This product is not designed and authorized for use as a critical component in
life support applications wherein a failure or malfunction of the products may result in injury or
threat to life. Figaro Engineering Inc. reserves the right to make changes without notice to this
product to improve reliability, functioning or design.
0.25 ± 0.05
0.8 ± 0.1
2.54 ± 0.2
Top View
Side View
Bottom View
Pin connection:
1:Heater(-)
2:Electrode
3:Heater(+)
ø9.2 ± 0.2
ø8.1 ± 0.2
unit:mm
1
2
3
ø1.3 ± 0.2
FIGARO ENGINEERING INC.
1-5-11 Senba-nishi
Mino, Osaka 562-8505
JAPAN
Phone:
(81)-727-28-2561
Fax:
(81)-727-28-0467
email: figaro@figaro.jp.org



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com