Electronic Components Datasheet Search
  English  ▼

X  

CDB4398 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4398
Description  120 dB, 192 kHz Multi-Bit DAC with Volume Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4398 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4398 Datasheet HTML 17Page - Cirrus Logic CDB4398 Datasheet HTML 18Page - Cirrus Logic CDB4398 Datasheet HTML 19Page - Cirrus Logic CDB4398 Datasheet HTML 20Page - Cirrus Logic CDB4398 Datasheet HTML 21Page - Cirrus Logic CDB4398 Datasheet HTML 22Page - Cirrus Logic CDB4398 Datasheet HTML 23Page - Cirrus Logic CDB4398 Datasheet HTML 24Page - Cirrus Logic CDB4398 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DS568F1
21
CS4398
Use of the Mute Control function is not mandatory but recommended for designs requiring the absolute min-
imum in extraneous clicks and pops. Also, use of the Mute Control function can enable the system designer
to achieve idle channel noise/signal-to-noise ratios which are only limited by the external mute circuit.
Figure 12. Recommended Mute Circuitry
4.4
Oversampling Modes
The CS4398 operates in one of three oversampling modes based on the input sample rate. Single-Speed
mode supports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-Speed mode
supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x. Quad-Speed mode sup-
ports input sample rates up to 200 kHz and uses an oversampling ratio of 32x.
4.5
Master and Serial Clock Ratios
The required MCLK-to-LRCK ratio and suggested SCLK-to-LRCK ratio are outlined in Table 1. MCLK can
be at any phase in regards to LRCK and SCLK. SCLK, LRCK and SDATA must meet the phase and timing
relationships outlined in Section 2. Some common MCLK frequencies have been outlined in Table 2.
MCLK/LRCK
SCLK/LRCK
LRCK
Single-Speed
256, 384, 512, 768*, 1024*, 1152*
32, 48, 64, 96, 128
Fs
Double-Speed
128, 192, 256, 384, 512*
32, 48, 64
Fs
Quad-Speed
64
32 (16 bits only)
Fs
96
32, 48
Fs
128, 256*
32, 64
Fs
192
32, 48, 64, 96
Fs
*These modes are only available in Control Port mode by setting the appropriate MCLKDIV bit.
Table 1. Clock Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com