Electronic Components Datasheet Search
  English  ▼

X  

IR2213 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2213
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2213 Datasheet(HTML) 5 Page - International Rectifier

  IR2213 Datasheet HTML 1Page - International Rectifier IR2213 Datasheet HTML 2Page - International Rectifier IR2213 Datasheet HTML 3Page - International Rectifier IR2213 Datasheet HTML 4Page - International Rectifier IR2213 Datasheet HTML 5Page - International Rectifier IR2213 Datasheet HTML 6Page - International Rectifier IR2213 Datasheet HTML 7Page - International Rectifier IR2213 Datasheet HTML 8Page - International Rectifier IR2213 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IR2213(S) & (PbF)
www.irf.com
5
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
Figure 6. Delay Matching Waveform Definitions
HIN
LIN
tr
ton
tf
toff
HO
LO
50%
50%
90%
90%
10%
10%
HIN
LIN
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT
(0 to 1200V)
Figure 5. Shutdown Waveform Definitions
SD
tsd
HO
LO
50%
90%
HV =10 to 1200V
<50 V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com