Electronic Components Datasheet Search
  English  ▼

X  

2N5486 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5486
Description  JFET VHF/UHF Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5486 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5486 Datasheet HTML 1Page - ON Semiconductor 2N5486 Datasheet HTML 2Page - ON Semiconductor 2N5486 Datasheet HTML 3Page - ON Semiconductor 2N5486 Datasheet HTML 4Page - ON Semiconductor 2N5486 Datasheet HTML 5Page - ON Semiconductor 2N5486 Datasheet HTML 6Page - ON Semiconductor 2N5486 Datasheet HTML 7Page - ON Semiconductor 2N5486 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N5484 2N5486
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 2. 100 MHz and 400 MHz Neutralized Test Circuit
0
10
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
10
12
14
ID = 5.0 mA
100 MHz
VDS = 15 Vdc
f1 = 399 MHz
f2 = 400 MHz
2.0
ID, DRAIN CURRENT (mA)
1.5
6.5
2.5
3.5
4.5
5.5
0
4.0
6.0
8.0
10
12
14
Figure 3. Effects of Drain–Source Voltage
Figure 4. Effects of Drain Current
NOISE FIGURE
(Tchannel = 25°C)
*L1
17 turns, (approx. — depends upon circuit layout) AWG #28
enameled copper wire, close wound on 9/32
″ ceramic coil
form. Tuning provided by a powdered iron slug.
*L2
4–1/2 turns, AWG #18 enameled copper wire, 5/16
″ long,
3/8
″ I.D. (AIR CORE).
*L3
3–1/2 turns, AWG #18 enameled copper wire, 1/4
″ long,
3/8
″ I.D. (AIR CORE).
**L1
6 turns, (approx. — depends upon circuit layout) AWG #24
enameled copper wire, close wound on 7/32
″ ceramic coil
form. Tuning provided by an aluminum slug.
**L2
1 turn, AWG #16 enameled copper wire, 3/8
″ I.D.
(AIR CORE).
**L3
1/2 turn, AWG #16 enameled copper wire, 1/4
″ I.D.
(AIR CORE).
Adjust VGS for
ID = 50 mA
VGS < 0 Volts
NOTE:
The noise source is a hot–cold body
(AIL type 70 or equivalent) with a
test receiver (AIL type 136 or equivalent).
Reference
Designation
VALUE
100 MHz
400 MHz
C1
7.0 pF
1.8 pF
C2
1000 pF
17 pF
C3
3.0 pF
1.0 pF
C4
1–12 pF
0.8–8.0 pF
C5
1–12 pF
0.8–8.0 pF
C6
0.0015
µF
0.001
µF
C7
0.0015
µF
0.001
µF
L1
3.0
µH*
0.2
µH**
L2
0.15
µH*
0.03
µH**
L3
0.14
µH*
0.022
µH**
INPUT
TO 50
Ω
SOURCE
NEUTRALIZING
COIL
L1
C5
L3
Rg′
C1
C6
C4
L2
C3
TO 500
Ω
LOAD
CASE
C7
COMMON
ID = 5.0 mA
VGS
VDS
+15 V
C2
Pin, INPUT POWER PER TONE (dB)
+40
Figure 5. Third Order Intermodulation Distortion
16
18
20
f = 400 MHz
f = 400 MHz
100 MHz
VDS = 15 V
VGS = 0 V
+20
0
–20
–40
–60
–80
– 100
– 120
– 140
– 160
– 120
– 100
– 80
– 60
– 40
– 20
0
+ 20
3RD ORDER INTERCEPT
FUNDAMENTAL
OUTPUT @ IDSS,
0.25 IDSS
3RD ORDER IMD
OUTPUT @ IDSS,
0.25 IDSS
INTERMODULATION CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com