Electronic Components Datasheet Search
  English  ▼

X  

IR2181S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2181S
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2181S Datasheet(HTML) 3 Page - International Rectifier

  IR2181S Datasheet HTML 1Page - International Rectifier IR2181S Datasheet HTML 2Page - International Rectifier IR2181S Datasheet HTML 3Page - International Rectifier IR2181S Datasheet HTML 4Page - International Rectifier IR2181S Datasheet HTML 5Page - International Rectifier IR2181S Datasheet HTML 6Page - International Rectifier IR2181S Datasheet HTML 7Page - International Rectifier IR2181S Datasheet HTML 8Page - International Rectifier IR2181S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IR2213(S) & (PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
—
280
—
VS = 0V
toff
Turn-Off Propagation Delay
—
225
—
VS = 1200V
tsd
Shutdown Propagation Delay
—
230
—
VS = 1200V
tr
Turn-On Rise Time
—
25
—
tf
Turn-Off Fall Time
—
17
—
MT
Delay Matching, HS & LS Turn-On/Off
—
—
30
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000 pF, TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage
9.5
—
—
VIL
Logic “0” Input Voltage
—
—
6.0
VOH
High Level Output Voltage, VBIAS - VO
—
—
1.2
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
0.1
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 1200V
IQBS
Quiescent VBS Supply Current
—
125
230
VIN = 0V or VDD
IQCC
Quiescent VCC Supply Current
—
180
340
VIN = 0V or VDD
IQDD
Quiescent VDD Supply Current
—
15
30
VIN = 0V or VDD
IIN+
Logic “1” Input Bias Current
—
20
40
VIN = VDD
IIN-
Logic “0” Input Bias Current
—
—
1.0
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
8.7
10.2
11.7
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
7.9
9.3
10.7
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
8.7
10.2
11.7
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
7.9
9.3
10.7
Threshold
IO+
Output High Short Circuit Pulsed Current
1.7
2.0`
—
VO = 0V, VIN = VDD
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
2.0
2.5
—
VO = 15V, VIN = 0V
PW
≤ 10 µs
µA
V
A
V
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com