Electronic Components Datasheet Search
  English  ▼

X  

IR2181PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR2181PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2181PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2181PBF Datasheet HTML 5Page - International Rectifier IR2181PBF Datasheet HTML 6Page - International Rectifier IR2181PBF Datasheet HTML 7Page - International Rectifier IR2181PBF Datasheet HTML 8Page - International Rectifier IR2181PBF Datasheet HTML 9Page - International Rectifier IR2181PBF Datasheet HTML 10Page - International Rectifier IR2181PBF Datasheet HTML 11Page - International Rectifier IR2181PBF Datasheet HTML 12Page - International Rectifier IR2181PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IR2213(S) & (PbF)
www.irf.com
9
Figure 21A. Logic “0” Input Current vs. Temperature
Figure 19A. VDD Supply Current vs. Temperature
Figure 20A. Logic “1” Input Current vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Figure 19B. VDD Supply Current vs. VDD Voltage
0
10
20
30
40
50
60
02468
10 12 14 16 18 20
VDD Logic Supply Voltage (V)
Figure 20B. Logic “1” Input Current vs. VDD Voltage
VDD Logic Supply Voltage (V)
0
10
20
30
40
50
60
0
2
4
6
8
10 12 14 16 18 20
Figure 21B. Logic “0” Input Current vs. VDD Voltage
VDD Logic Supply Voltage (V)
0
1
2
3
4
5
02
46
8
10 12 14 16 18 20
max
max
max
typ.
typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com