Electronic Components Datasheet Search
  English  ▼

X  

K164 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # K164
Description  Temperaturmessung Bedrahtete Scheiben
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

K164 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button K164 Datasheet HTML 9Page - Siemens Semiconductor Group K164 Datasheet HTML 10Page - Siemens Semiconductor Group K164 Datasheet HTML 11Page - Siemens Semiconductor Group K164 Datasheet HTML 12Page - Siemens Semiconductor Group K164 Datasheet HTML 13Page - Siemens Semiconductor Group K164 Datasheet HTML 14Page - Siemens Semiconductor Group K164 Datasheet HTML 15Page - Siemens Semiconductor Group K164 Datasheet HTML 16Page - Siemens Semiconductor Group K164 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Siemens Matsushita Components
123
140,0
145,0
150,0
155,0
160,0
165,0
170,0
175,0
180,0
0,049446
0,044944
0,040937
0,037362
0,034165
0,031300
0,028726
0,026410
0,024322
1,9
1,9
1,8
1,8
1,8
1,7
1,7
1,7
1,7
0,038911
0,035091
0,031716
0,028733
0,026088
0,023738
0,021644
0,019775
0,018104
2,1
2,0
2,0
2,0
1,9
1,8
1,8
1,6
1,6
0,034908
0,031349
0,028216
0,025477
0,023056
0,020911
0,019006
0,017309
0,015796
2,2
2,1
2,1
2,0
2,0
1,9
1,9
1,9
1,9
0,05559
0,05063
0,04620
0,04224
0,03869
0,03550
0,03263
0,03003
0,02770
1,9
1,9
1,8
1,8
1,7
1,7
1,7
1,6
1,6
Nummer 1305
1306
1307
1308
T (
°C)
B25/100 = 3200 K
B25/100 = 3450 K
B25/100 = 3560 K
B25/100 = 3060 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
Normierte R/T-Kennlinien



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com