Electronic Components Datasheet Search
  English  ▼

X  

S7204 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # S7204
Description  15 watt; PAR30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

S7204 Datasheet(HTML) 1 Page - Satco Products, Inc.

  S7204 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7204
15PAR30/27
15 watt; PAR30 Compact Fluorescent; 2700K; 82 CRI; Medium
base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7204
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7204
045923072048
120
15
50W
PAR30
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
15PAR30/27
4.61''
3-3/4''
700
10000
2700
Warm White
12/6
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - S7204

ManufacturerPart #DatasheetDescription
logo
Heyco.
S7200 HEYCO-S7200 Datasheet
145Kb / 1P
Preassembled Cordset Components
logo
Satco Products, Inc.
S7201 SATCO-S7201 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7202 SATCO-S7202 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7205 SATCO-S7205 Datasheet
131Kb / 1P
15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7206 SATCO-S7206 Datasheet
140Kb / 1P
15 watt; PAR30 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - S7204

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5575 SATCO-S5575 Datasheet
123Kb / 1P
15 watt; A19 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7205 SATCO-S7205 Datasheet
131Kb / 1P
15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7206 SATCO-S7206 Datasheet
140Kb / 1P
15 watt; PAR30 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7221 SATCO-S7221 Datasheet
125Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7237 SATCO-S7237 Datasheet
128Kb / 1P
15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7247 SATCO-S7247 Datasheet
124Kb / 1P
15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7291 SATCO-S7291 Datasheet
123Kb / 1P
15 watt; A19 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7294 SATCO-S7294 Datasheet
132Kb / 1P
15 watt; PAR30 Compact Fluorescent; 3500K; 82 CRI; Medium base; 120 volts
S7304 SATCO-S7304 Datasheet
124Kb / 1P
15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7307 SATCO-S7307 Datasheet
123Kb / 1P
15 watt; Bullet Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com