Electronic Components Datasheet Search
  English  ▼

X  

23T2/27 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 23T2/27
Description  23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

23T2/27 Datasheet(HTML) 1 Page - Satco Products, Inc.

  23T2/27 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7227
23T2/27
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI;
Medium base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7227
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7227
045923072277
120
23
100W
T2
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
23T2/27
4.88''
2.13''
1600
12000
2700
Warm White
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 23T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
23T2/27 SATCO-23T2/27 Datasheet
130Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
23T2/27 SATCO-23T2/27 Datasheet
124Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
23T2/27 SATCO-23T2/27 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
23T2/27 SATCO-23T2/27 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
More results

Similar Description - 23T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5507 SATCO-S5507 Datasheet
130Kb / 2P
11 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5523 SATCO-S5523 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5526 SATCO-S5526 Datasheet
124Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S6279 SATCO-S6279 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
S7214 SATCO-S7214 Datasheet
126Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7261 SATCO-S7261 Datasheet
124Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7326 SATCO-S7326 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S8206 SATCO-S8206 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com