Electronic Components Datasheet Search
  English  ▼

X  

BTA21 Datasheet(PDF) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTA21
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTA21 Datasheet(HTML) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTA21 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
http://www.buddies-tech.com
BTA21 DATASHEET
9
3.1 Pin Description
Pin
Name
I/O
Description
1
PIO[10]
I/O
programmable input/output
2
PIO[6]
I/O
programmable input/output
3
UART_RX
I
UART data input
4
UART_TX
O
UART data output
5
GND
-
Ground
6
+5V
I
Power supply
7
GND
-
Ground
8
MIC_L
I
Mic input
9
GND
-
Ground
10
SPK_L
O
Left channel audio out
11
SPK_R
O
Right channel audio out
12
PIO[4]
I/O
programmable input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com