Electronic Components Datasheet Search
  English  ▼

X  

BTM256 Datasheet(PDF) 17 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM256
Description  Bluetooth Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM256 Datasheet(HTML) 17 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM256 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM256 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
4.4
UART Interface Timing
HCI_RTS
HCI_RX
HCI_CTS
HCI_TX
Symbol
Characteristics
Condition
Min
Type
Max
Unit
Baudrate
37.5
4000
kbps
Baudrate accuracy
-2.5%
1.5%
T3
CTS low to TX_DATA on
0
2
us
T4
CTS high to TX_DATA off
Hardware flow contoll
1
byte
T6
CTS-high pulse width
1
bit
T1
RTS low to RX_DATA on
0
2
us
T2
RTS high to RX_DATA off
16
byte
T1
T2
T6
T3
T4
10 bits
start bit
stop bit
http://www.buddies-tech.com
BTM
256 DATASHEET
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com