Electronic Components Datasheet Search
  English  ▼

X  

ALS31300 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ALS31300
Description  3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31300 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ALS31300 Datasheet HTML 9Page - Allegro MicroSystems ALS31300 Datasheet HTML 10Page - Allegro MicroSystems ALS31300 Datasheet HTML 11Page - Allegro MicroSystems ALS31300 Datasheet HTML 12Page - Allegro MicroSystems ALS31300 Datasheet HTML 13Page - Allegro MicroSystems ALS31300 Datasheet HTML 14Page - Allegro MicroSystems ALS31300 Datasheet HTML 15Page - Allegro MicroSystems ALS31300 Datasheet HTML 16Page - Allegro MicroSystems ALS31300 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
3-D Linear Hall-Effect Sensor with I2C Output
and Advanced Low Power Management
ALS31300
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Reserved
Read Only
Read/Write Volatile
Read/Write EEPROM
Write 1 to Clear
Clear on Read
Table 3: EEPROM 0x03
Address
Bits
Default
Name
Description
0x03
31:25
0
Reserved
Reserved
24
0
Signed INT Enable
Controls if the interrupt threshold(s) are absolute or signed.
In absolute mode, an interrupt is triggered if the applied field crosses the
threshold in either the positive or negative direction. In signed mode, an
interrupt is only triggered if the applied field passes the threshold in a single
direction specified by the user.
0 = Absolute
1 = Signed
See Interrupt section.
23
0
INT Mode
Controls the behavior of INT.
0 = Threshold Mode. Compares the sensor’s most recent measurement to the
specified event conditions.
1 = Delta Mode. Used in combination with LPDCM. Compares the sensor’s
most recent measurement to the first measurement when the device entered
LPDCM and the specified event conditions.
See Interrupt section.
22
0
INT EEPROM Status
Non-volatile EEPROM storage to indicate an interrupt event has occurred.
See Interrupt section.
21
0
INT EEPROM Enable
If set, INT EEPROM Status will be automatically written when an interrupt
event occurs.
See Interrupt section.
20
0
Z INT Enable
INT enable for Z axis. See Interrupt section.
19
0
Y INT Enable
INT enable for Y axis. See Interrupt section.
18
0
X INT Enable
INT enable for X axis. See Interrupt section.
17:12
0
Z INT Threshold
INT threshold for Z axis. Affected by Signed INT Enable. See Interrupt section.
11:6
0
Y INT Threshold
INT threshold for Y axis. Affected by Signed INT Enable. See Interrupt section.
5:0
0
X INT Threshold
INT threshold for X axis. Affected by Signed INT Enable. See Interrupt section.
Table 4: EEPROM 0x0D, 0x0E and 0x0F
Address
Bits
Default
Name
Description
0x0D
25:0
0
Customer EEPROM
Customer non-volatile EEPROM space. Can be used to store any customer
information. Does not affect device operation.
0x0E
25:0
0
Customer EEPROM
Customer non-volatile EEPROM space. Can be used to store any customer
information. Does not affect device operation.
0x0F
25:0
0
Customer EEPROM
Customer non-volatile EEPROM space. Can be used to store any customer
information. Does not affect device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com