Electronic Components Datasheet Search
  English  ▼

X  

ALT80800KLPATR Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ALT80800KLPATR
Description  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 7Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 8Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 9Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 10Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 11Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 12Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 13Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 14Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
11
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
MINIMUM AND MAXIMUM OUTPUT VOLTAGES
For a given input voltage, the maximum output voltage depends
on the switching frequency and minimum tOFF. For example, if
tOFF(min) = 100 ns and fSW = 1 MHz, then the maximum duty
cycle is 90%. So for an 18 V input, the maximum output is
approximately 16.2 V (based on the simplified equation of VOUT
= VIN × D). This means up to 5 LEDs can be operated in series,
assuming Vf = 3.3 V or less for each LED.
The minimum output voltage depends on minimum tON and
switching frequency. For example, if the minimum tON = 65 ns
and fSW = 1 MHz, then the minimum duty cycle is 6.5%. That
means with VIN = 18 V, the theoretical minimum VOUT is just
1.2 V. However, the internal current sense amplifier is designed to
guarantee the current accuracy down to VOUT = 2.65 V. When the
output voltage is lower than 2.65 V, the regulator keeps switch-
ing to regulate, but the current accuracy will suffer and not be
guaranteed.
To a lesser degree, the output voltage is also affected by other
factors such as LED current, on-resistance of the high-side
switch, and DCR of the inductor.
As a general rule, switching at lower frequencies allows a wider
range of VOUT, and hence more flexible LED configurations.
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Frequency (MHz)
VOUT(max) (V)
VOUT(min) (V)
Figure 10: Minimum and Maximum Output Voltage vs.
Switching Freqency
(VIN = 18 V, minimum tON = 90 ns and tOFF = 100 ns)
If the required output voltage is lower than that permitted by the
minimum tON, the controller will automatically extend the tOFFto
maintain the correct duty cycle. This means that the switching
frequency will drop lower when necessary to keep the LED cur-
rent in regulation.
If the LED string is completely shorted (VOUT = 0 V), the con-
troller will continue to switch at minimum tON and will not enter
into Hiccup mode.
THERMAL BUDGETING
The ALT80800 is capable of supplying a 2 A current through
its high-side switch. However, depending on the duty cycle, the
conduction loss in the high-side switch may cause the package to
overheat. Therefore care must be taken to ensure the total power
loss of package is within budget. For example, if the maximum
temperature rise allowed is ∆T = 60°C at the device case surface,
then the maximum power dissipation of the IC is 1.75 W. Assum-
ing the maximum RDSON(HS) = 0.32 Ω, RDSON(LS) = 0.24 Ω, and 
a duty cycle of 70%, then the maximum LED current is limited to
2 A approximately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com