Electronic Components Datasheet Search
  English  ▼

X  

PF6M-10LXP-4SC Datasheet(PDF) 4 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PF6M-10LXP-4SC
Description  10W White/ Warm White Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PF6M-10LXP-4SC Datasheet(HTML) 4 Page - Elite Enterprises (H.K.) Co., Ltd.

  PF6M-10LXP-4SC Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 4Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 5Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 6Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 7Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 8Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-10LXP-4SC Datasheet HTML 9Page - Elite Enterprises (H.K.) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Flux Characteristics at 700mA, TJ = 25°C
Radiation
Pattern
Minimum
Typical
White
450
595
Warm White
430
550
ProLight maintains a tolerance of ± 10% on flux and power measurements.
Please do not drive at rated current more than 1 second without proper heat sink.
Electrical Characteristics at 700mA, TJ = 25°C
Color
Min.
Typ.
Max.
White
11.2
14.0
17.2
Warm White
11.2
14.0
17.2
Optical Characteristics at 700mA, TJ = 25°C
Total
included
Viewing
Angle
Angle
(degrees)
(degrees)
Min.
Typ.
Max.
θ0.90V
2 θ1/2
White
4100K
5500K
10000K
160
120
Warm White
2700K
3300K
4100K
160
120
ProLight maintains a tolerance of ± 1nm for dominant wavelength measurements.
ProLight maintains a tolerance of ± 5% for CCT measurements.
Forward Voltage VF (V)
Thermal Resistance
Junction to Board (°C/ W)
3.6
3.6
PF6M-10LVP-4SC
Color
Part Number
Lumious Flux ΦV (lm)
Lambertian
Module
PF6M-10LWP-4SC
4
Dominant Wavelength λD,
or Color Temperature CCT
Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com