Electronic Components Datasheet Search
  English  ▼

X  

FPR-53 Datasheet(PDF) 3 Page - FOTEK CONTROLS CO., LTD.

Part # FPR-53
Description  OPTICAL FIBER SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

FPR-53 Datasheet(HTML) 3 Page - FOTEK CONTROLS CO., LTD.

  FPR-53 Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. FPR-53 Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. FPR-53 Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. FPR-53 Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11
12
Reflex Type
Dimension
FPR-51
FPR-52
FPR-53
FPR-54
FPR-55
FPR-56
Thru Beam Type
FPT-04
FPT-05
FPT-06
FPT-01
FPT-02
FPT-03
.
FIBER CABLE UNIT
FPR/FPT
series
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
0.03
0.03
0.03
0.03
0.03
0.03
0.03
0.03
0.03
0.03
0.03
0.03
65mm
65mm
65mm
65mm
30mm
30mm
45mm
45mm
65mm
65mm
45mm
45mm
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
mF-06R
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
100mm
100mm
300mm
300mm
100mm
100mm
250mm
250mm
250mm
250mm
150mm
150mm
Fiber
Fiber
material
material
Amplifier
Amplifier
Min.
Min.
detectable
detectable
object
object
Sensing
Sensing
distance
distance
Operating
Operating
temperature
temperature
Type
Type
Mode
Mode
Model
Model
Fiber shape
Fiber shape
FPR-56
FPR-56
FPR-52
FPR-52
FPR-53
FPR-53
FPR-54
FPR-54
FPR-55
FPR-55
FPR-51
FPR-51
FPT-03
FPT-03
FPT-04
FPT-04
FPT-01
FPT-01
FPT-02
FPT-02
FPT-05
FPT-05
FPT-06
FPT-06
Poly-
Poly-
plasstic
plasstic
-40 C
-40 C
+70 C
+70 C
Poly-
Poly-
plasstic
plasstic
-40 C
-40 C
+70 C
+70 C
M3
M3
0.5
0.5
X 1
X 1
M4
M4
0.5
0.5
X 1
X 1
M4
M4
1.0
1.0
X 1
X 1
M4
M4
1.0
1.0
X 1
X 1
M4
M4
1.0
1.0
X 1
X 1
M4
M4
0.5
0.5
X 1
X 1
M4
M4
0.5
0.5
X 2
X 2
M6
M6
1.0
1.0
X 2
X 2
M6
M6
0.5
0.5
X 2
X 2
M6
M6
1.0
1.0
X 2
X 2
M6
M6
1.0
1.0
X 2
X 2
M6
M6
1.0
1.0
X 1
X 1
0.25
0.25
X 15
X 15
FIBER CABLE UNIT
FPR/FPT
series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com