Electronic Components Datasheet Search
  English  ▼

X  

C231DS Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # C231DS
Description  Meet RoHS, Green Product.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

C231DS Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  C231DS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C231DS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet RoHS, Green Product.
* Reverse mount Chip LED.
* Ultra bright InGaN White Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with infrared reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Part No.
Lens
Emitted Color
LTW-C231DS
Yellow
InGaN White
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTW-C231DS
Page :
1
of
11
BNS-OD-C131/A4
 香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - C231DS

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
C231D DIGITRON-C231D Datasheet
513Kb / 4P
SILICON CONTROLLED RECTIFIER
C231D3 DIGITRON-C231D3 Datasheet
513Kb / 4P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - C231DS

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-020TGKT TO-GRACE-LTST-020TGKT Datasheet
866Kb / 11P
Meet ROHS, Green Product.
LTST-020KRKT TO-GRACE-LTST-020KRKT Datasheet
864Kb / 11P
Meet ROHS, Green Product.
LTST-C193KFKT-5A TO-GRACE-LTST-C193KFKT-5A Datasheet
787Kb / 12P
Meet ROHS, Green Product.
LTST-C155KGJRKT TO-GRACE-LTST-C155KGJRKT Datasheet
763Kb / 11P
Meet ROHS, Green Product.
LTST-C170KRKT TO-GRACE-LTST-C170KRKT Datasheet
924Kb / 11P
Meet ROHS, Green Product.
LTST-C170ZBKT TO-GRACE-LTST-C170ZBKT Datasheet
706Kb / 11P
Meet ROHS, Green Product.
LTST-C171TGKT TO-GRACE-LTST-C171TGKT Datasheet
749Kb / 11P
Meet ROHS, Green Product.
LTST-C190TBKT TO-GRACE-LTST-C190TBKT Datasheet
776Kb / 12P
Meet ROHS, Green Product.
LTST-C193KSKT-5A TO-GRACE-LTST-C193KSKT-5A Datasheet
746Kb / 11P
Meet ROHS, Green Product.
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
Meet RoHS/Meet RoHS, Green Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com