Electronic Components Datasheet Search
  English  ▼

X  

ATS668LSM Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems ATS668LSM Datasheet HTML 10Page - Allegro MicroSystems ATS668LSM Datasheet HTML 11Page - Allegro MicroSystems ATS668LSM Datasheet HTML 12Page - Allegro MicroSystems ATS668LSM Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package SM, 3-Pin SIP
For Reference Only – Not for Tooling Use
(Reference DWG-9084-B)
Dimensions in Millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.90 REF
2
2
3
3
1
1
B
4 X 7°
4 X 10°
A
Branded
Face
2 X 2.40 ±0.10
5.80 REF
5.78±0.10
6.42 REF
2.66 REF
0.60 REF
0.79 REF
7.65±0.10
15.58±0.10
19.24 REF
23.36 REF
1.60 ±0.10
5.00 ±0.10
A
B
C
C
D Branding scale and appearance at supplier discretion
7.00±0.10
E
E
0.30 REF
3 X 1.00 ±0.10
3 X 0.51 ±0.10
0.25 ±0.05
2.00±0.10
2 X 1.27 ±0.10
1.15 ±0.05
E1
E2
2.72
3.12
0.72 REF
3.83 REF
2.2
F
F
F
FF
F
D
7.99 REF
LLLLLLL
NNN[NNNN]
YYWW
1
Standard Branding Reference View
= Supplier emblem
= Lot identifier
= Last three numbers of device part number and optional
subtype codes
= Last two digits of year of manufacture
= Week of manufacture
L
N
Y
W
Dambar removal protrusion (12X)
Gate and tie bar burr area
Active Area Depth 0.40 ±0.05 mm
Molded lead bar for preventing damage to leads during shipment
Hall elements (E1 and E2), not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com