Electronic Components Datasheet Search
  English  ▼

X  

ATS19200 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS19200
Description  High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19200 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS19200 Datasheet HTML 1Page - Allegro MicroSystems ATS19200 Datasheet HTML 2Page - Allegro MicroSystems ATS19200 Datasheet HTML 3Page - Allegro MicroSystems ATS19200 Datasheet HTML 4Page - Allegro MicroSystems ATS19200 Datasheet HTML 5Page - Allegro MicroSystems ATS19200 Datasheet HTML 6Page - Allegro MicroSystems ATS19200 Datasheet HTML 7Page - Allegro MicroSystems ATS19200 Datasheet HTML 8Page - Allegro MicroSystems ATS19200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-Accuracy Hall-Effect
Wheel Speed Gear Tooth Sensor IC
ATS19200
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Package SN, 3-Pin SIP Pinout Diagram
Terminal List Table
Number
Name
Function
1
VCC
Supply voltage
2
VCC
Supply voltage
3
GND
Ground
12
3
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Notes
Rating
Units
Nominal Capacitance
CSUPPLY
Connected between VCC and GND
2.2
nF
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
Range L, refer to Power Derating Curve
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
SPECIFICATIONS
PINOUT DIAGRAM AND TERMINAL LIST
SELECTION GUIDE
Part Number
Power-On State
ASIL
Packing*
ATS19200LSNATN-L-A
ICC(LOW)
Enabled
800 pieces per 13-inch reel
ATS19200LSNATN-H-A
ICC(HIGH)
Enabled
ATS19200LSNATN-L
ICC(LOW)
Disabled
ATS19200LSNATN-H
ICC(HIGH)
Disabled
*Contact Allegro™ for additional packing options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com