Electronic Components Datasheet Search
  English  ▼

X  

23 Datasheet(PDF) 8 Page - MKS Instruments.

Part # 23
Description  bUTTWELD fittings
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

23 Datasheet(HTML) 8 Page - MKS Instruments.

  23 Datasheet HTML 1Page - MKS Instruments. 23 Datasheet HTML 2Page - MKS Instruments. 23 Datasheet HTML 3Page - MKS Instruments. 23 Datasheet HTML 4Page - MKS Instruments. 23 Datasheet HTML 5Page - MKS Instruments. 23 Datasheet HTML 6Page - MKS Instruments. 23 Datasheet HTML 7Page - MKS Instruments. 23 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Numerical Listing
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com
MKS Instruments, Inc.
Integrated Process Solutions
5330 Sterling Drive
Boulder, CO 80301
Tel:
303.449.9861
Tel:
800.345.1967 (in USA)
Series 23 Buttweld Fittings - 12/16
© 2008 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark of MKS Instruments, Inc. Viton® is a registered
trademark of E.I. DuPont de Nemours & Co., Inc.
1002345WT075
45° Elbow w/ Tangents
0.75''
1002345WT075MP
45° Elbow w/ Tangents, Mech. Polish
0.75''
1002345WT100
45° Elbow w/ Tangents
1.00''
1002345WT100MP
45° Elbow w/ Tangents, Mech. Polish
1.00''
1002345WT150
45° Elbow w/ Tangents
1.50''
1002345WT150MP
45° Elbow w/ Tangents, Mech. Polish
1.50''
1002345WT200
45° Elbow w/ Tangents
2.00''
1002345WT200MP
45° Elbow w/ Tangents, Mech. Polish
2.00''
1002345WT250
45° Elbow w/ Tangents
2.50''
1002345WT250MP
45° Elbow w/ Tangents, Mech. Polish
2.50''
1002345WT300
45° Elbow w/ Tangents
3.00''
1002345WT300MP
45° Elbow w/ Tangents, Mech. Polish
3.00''
1002345WT400
45° Elbow w/ Tangents
4.00''
1002345WT400MP
45° Elbow w/ Tangents, Mech. Polish
4.00''
1002345WT401
45° Elbow w/ Tangents
4.00''
1002345WT401MP
45° Elbow w/ Tangents, Mech. Polish
4.00''
1002345WT600
45° Elbow w/ Tangents
6.00''
1002345WT600MP
45° Elbow w/ Tangents, Mech. Polish
6.00''
100234X050
4-Way Cross, Buttweld
0.50''
100234X075
4-Way Cross, Buttweld
0.75''
100234X100
4-Way Cross, Buttweld
1.00''
100234X150
4-Way Cross, Buttweld
1.50''
100234X200
4-Way Cross, Buttweld
2.00''
100234X250
4-Way Cross, Buttweld
2.50''
100234X300
4-Way Cross, Buttweld
3.00''
100234X400
4-Way Cross, Buttweld
4.00''
100234X600
4-Way Cross, Buttweld
6.00''
10023600CR300
Concentric Reducer
6.0 x 3.0
10023600CR400
Concentric Reducer
6.0 x 4.0
10023600RT075
Reducing Tee
6.0 x 0.75
10023600RT150
Reducing Tee
6.0 x 1.50
10023600RT400
Reducing Tee
6.0 x 4.00
1002390050
90° Elbow
0.50''
1002390050MP
90° Elbow, Mech. Polish
0.50''
1002390075
90° Elbow
0.75''
1002390075MP
90° Elbow, Mech. Polish
0.75''
1002390100
90° Elbow
1.00''
1002390100MP
90° Elbow, Mech. Polish
1.00''
1002390150
90° Elbow
1.50''
1002390150MP
90° Elbow, Mech. Polish
1.50''
1002390200
90° Elbow
2.00''
1002390200MP
90° Elbow, Mech. Polish
2.00''
1002390250
90° Elbow
2.50''
1002390250MP
90° Elbow, Mech. Polish
2.50''
1002390300
90° Elbow
3.00''
1002390300MP
90° Elbow, Mech. Polish
3.00''
1002390400
90° Elbow
4.00''
1002390400MP
90° Elbow, Mech. Polish
4.00''
1002390401
90° Elbow
4.00''
1002390401MP
90° Elbow, Mech. Polish
4.00''
1002390600
90° Elbow
6.00''
1002390600MP
90° Elbow, Mech. Polish
6.00''
1002390WT075
90° Elbow w/ Tangents
0.75''
1002390WT075MP
90° Elbow w/ Tangents, Mech Polish
0.75''
1002390WT100
90° Elbow w/ Tangents
1.00''
1002390WT100MP
90° Elbow w/ Tangents, Mech Polish
1.00''
1002390WT150
90° Elbow w/ Tangents
1.50''
1002390WT150MP
90° Elbow w/ Tangents, Mech Polish
1.50''
1002390WT200
90° Elbow w/ Tangents
2.00''
1002390WT200MP
90° Elbow w/ Tangents, Mech Polish
2.00''
1002390WT250
90° Elbow w/ Tangents
2.50''
1002390WT250MP
90° Elbow w/ Tangents, Mech Polish
2.50''
1002390WT300
90° Elbow w/ Tangents
3.00''
1002390WT300MP
90° Elbow w/ Tangents, Mech Polish
3.00''
1002390WT400
90° Elbow w/ Tangents
4.00''
1002390WT400MP
90° Elbow w/ Tangents, Mech Polish
4.00''
1002390WT401
90° Elbow w/ Tangents
4.00''
1002390WT401MP
90° Elbow w/ Tangents, Mech Polish
4.00''
1002390WT600
90° Elbow w/ Tangents
6.00''
1002390WT600MP
90° Elbow w/ Tangents, Mech Polish
6.00''
10023C050
End Cap
0.50''
10023C075
End Cap
0.75''
10023C100
End Cap
1.00''
10023C150
End Cap
1.50''
10023C200
End Cap
2.00''
10023C250
End Cap
2.50''
10023C300
End Cap
3.00''
10023C400
End Cap
4.00''
10023T050
Tee
0.50''
10023T075
Tee
0.75''
10023T100
Tee
1.00''
10023T150
Tee
1.50''
10023T200
Tee
2.00''
10023T250
Tee
2.50''
10023T300
Tee
3.00''
10023T400
Tee
4.00''
10023T600
Tee
6.00''
100314300
Tubing/per 10 foot
0.50''
100314301
Tubing/per 10 foot
0.75''
100314303
Tubing/per 10 foot
1.00''
100314305
Tubing/per 10 foot
1.50''
100314306
Tubing/per 10 foot
2.00''
100764506
Tubing/per 10 foot
2.50''
100764508
Tubing/per 10 foot
3.00''
100764510
Tubing/per 10 foot
4.00''
100764511
Tubing/per 10 foot
4.00''
100764516
Tubing/per 10 foot
6.00''
100764520
Tubing/per 10 foot
8.00''
100764525
Tubing/per 10 foot
10.00''



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com