Electronic Components Datasheet Search
  English  ▼

X  

AL20060 Datasheet(PDF) 1 Page - MKS Instruments.

Part # AL20060
Description  INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AL20060 Datasheet(HTML) 1 Page - MKS Instruments.

  AL20060 Datasheet HTML 1Page - MKS Instruments. AL20060 Datasheet HTML 2Page - MKS Instruments. AL20060 Datasheet HTML 3Page - MKS Instruments. AL20060 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AL 20000 Series
InduSTRIAL MICROWAVE GEnERATORS 2450 MHz
MKS Alter® AL 20000 Series Microwave Generators are built on experience and designed
with rugged and reliable switch mode power supplies for demanding industrial applications.
The AL 20000 Series offers compact generators up to 3 kW in a 19 inch standard rack with
a remote head and integrated isolator. For 6 and 10 kW microwave generators an isolator is
included. All MKS, Alter microwave generators are equipped with reflected power detection.
Features & Benefits
• Provenswitchmodetechnology
• Largechoiceofinputlinevoltage
• Configurableremotecontrol
• Reliable&cost-effective
• Extremelycompactandlightweight
Type
MW Power
Power Supply
Isolauncher
Mag Head
Isolator
Waveguide
AL 20020
2 kW
SM 845
TI020
—
integrated
WR340
AL 20030
3 kW
SM 1250
TI030
—
integrated
WR340
AL 20060
6 kW
SM 1280
—
TM060
external
WR340
AL 20100
10 kW
SM 1690
—
TM100
external
WR340
AL 20150
15 kW
MPS 24
—
TM150
option
WR340


Similar Part No. - AL20060

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
AL200 CAMPBELL-AL200 Datasheet
514Kb / 2P
ALERT2 Encoder, Modulator, and Sensor Interface
12/27/2023
logo
Samsung semiconductor
AL2007LA SAMSUNG-AL2007LA Datasheet
242Kb / 16P
Phase-Locked Loop (PLL) frequency synthesizer constructed in CMOS on single monolithic structure
More results

Similar Description - AL20060

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT18B100 JOHANSON-2450AT18B100 Datasheet
385Kb / 3P
2450 MHz Antenna
2450AT42B100 JOHANSON-2450AT42B100 Datasheet
540Kb / 3P
2450 MHz Antenna
2450BL14C200 JOHANSON-2450BL14C200 Datasheet
139Kb / 2P
2450 MHz Balun
2450AT18A0150 JOHANSON-2450AT18A0150 Datasheet
289Kb / 3P
2450 MHz Antenna
2450BL14C100 JOHANSON-2450BL14C100 Datasheet
92Kb / 2P
2450 MHz Balun
2450DP15B5512 JOHANSON-2450DP15B5512 Datasheet
103Kb / 2P
2450 / 5512 MHz Diplexer
2450CP14A100 JOHANSON-2450CP14A100 Datasheet
194Kb / 2P
2450 MHz Directional Coupler
2450DP15G5400 JOHANSON-2450DP15G5400 Datasheet
121Kb / 2P
2450 / 5400 MHz Diplexer
2450PD14B0100 JOHANSON-2450PD14B0100 Datasheet
184Kb / 2P
2450 MHz Power Divider
2450AT18B100E JOHANSON-2450AT18B100E Datasheet
616Kb / 4P
2450 MHz Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com