Electronic Components Datasheet Search
  English  ▼

X  

AS2916B16DN Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # AS2916B16DN
Description  PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

AS2916B16DN Datasheet(HTML) 6 Page - Princeton Technology Corp

  AS2916B16DN Datasheet HTML 1Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 2Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 3Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 4Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 5Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 6Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 7Page - Princeton Technology Corp AS2916B16DN Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
254
www.ptcc.com.tw
AS2916
PWM Controller
Electrical Characteristics
Electrical characteristics are guaranteed over the full junction temperature range (0-105°). Ambient temperature must be derated
based upon power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, BOK = 3 V, ON = 3 V, RT =
680
Ω, CT = 10 nF, and CWBL = 2.2 nF, unless otherwise specified. To override UVLO, VCC should be raised above UVLOHIGH
prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Auxiliary PWM Comparator Input (CMPA)
Regulation Voltage
VCCREG
13.4
14.5
15.7
V
Transconductance
Gm
1.0
mS
Output Sink Current
ICMPALow VCC = 16 V, VCMPA = 1.1 V
2.0
6.0
mA
Output Source Current
ICMPAHigh VCC = 12 V, VCMPA = 5 V
–0.5
-1.1
mA
Output Swing High
VCMPAHigh VCC = 12 V, ICMPA = 0.5 mA
5.4
5.7
V
Output Swing Low
VCMPALow VCC = 16 V, ICMPA = 2 mA
0.2
1.1
V
Auxiliary Current Sense Comparator (SNSA)
Transfer Gain
AVSNSA
–0.2
≤ VSNSA ≤ 0.8 V
3.0
V/V
CMPA Level Shift
VLS
VSNSA = 0 V
1.5
V
Current Sense Threshold
VSNSA
VCMPA = 5 V
0.95
1.05
1.15
V
Input Bias Current
IBIAS
–1.0
–10
µA
Propagation Delay to Output tPD
80
150
ns
Main PWM Comparator Input (CMPB)
Comp Source Current
ICMPB
VCMPB = 2.5 V
–1.0
–1.4
mA
Comp Source Impedance
ZCMPB
10
15
20
k
Comp Source High
VCMPBHigh
5.4
5.6
V
Main Current Sense Comparator (SNSB)
Transfer Gain
AVSNSB
–0.2
≤ VSNSB ≤ 0.8 V
3.0
V/V
CMPB Level Shift
VLS
VSNSB = 0 V
1.5
V
Current Sense Threshold
VSNSB
VCMPB = 5 V
0.95
1.05
1.15
V
Input Bias Current
IBIAS
–1.0
–10
µA
Propagation Delay to Output tPD
80
150
ns
Soft Start Comparator
SS Charge Current
ICharge SS VSS ≤ VRAMP
–4.0
–6.0
–10
µA
SS Discharge Current
IDsc SS
VSS = 1 V, VON <1.5 V
2.0
10
mA
SS Lower Clamp
VSS low
0.05
0.2
V
Propagation Delay to Output tPB
50
100
ns
RAMP High Level
VRAMPH
TJ = 25°C
2.0
2.15
2.3
V
RAMP Low Level
VRAMPL
TJ = 25°C
0.45
0.6
0.75
V
RAMP Levels TC
Note: RAMP waveform is same
–2.0
mV/°C
as OSC waveform, but level
shifted down one diode drop.
RAMP Sink Current
IRAMPL
TJ = 25°C
0.1
0.2
mA
RAMP Source Current
IRAMPH
TJ = 25°C
–2.0
–10
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com