Electronic Components Datasheet Search
  English  ▼

X  

100762425 Datasheet(PDF) 2 Page - MKS Instruments.

Part # 100762425
Description  ISO-Universal fittings Sizes NW 63 to NW 630
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100762425 Datasheet(HTML) 2 Page - MKS Instruments.

  100762425 Datasheet HTML 1Page - MKS Instruments. 100762425 Datasheet HTML 2Page - MKS Instruments. 100762425 Datasheet HTML 3Page - MKS Instruments. 100762425 Datasheet HTML 4Page - MKS Instruments. 100762425 Datasheet HTML 5Page - MKS Instruments. 100762425 Datasheet HTML 6Page - MKS Instruments. 100762425 Datasheet HTML 7Page - MKS Instruments. 100762425 Datasheet HTML 8Page - MKS Instruments. 100762425 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Series 76 ISO-Universal components are a vacuum
flanging system for 63 mm to 1000 mm fittings. The
dimension criteria are based on requirements established
by the International Standards Organization (ISO). There
are two flange styles in the ISO-Universal system: Multi-
Fastener (MF) and Bolted. The flange family is also
called: ISO-MF, ISO-PF or ISO-K. Figure 1 illustrates the
components of this flange system.
This catalog features a large variety of components such
as elbows, tees, crosses, reducers and adapters having
ISO-MF flanges. Currently there is no ISO standard for
the flange face to centerline distance in this system. There
is however, an industry standard followed by several
manufacturers. MKS Instruments follows these standards
in designing the Series 76 ISO-Universal components.
There are several advantages in the use of ISO
components. One advantage is that the flange is
“sexless.” The seal is on a symmetrical centering ring
that interfaces with two identical flanges. In addition, ISO-
Universal flanges are more compact than ASA flanges,
which were designed for pressure and are unnecessarily
massive for vacuum use. Since these flanges are an ISO
standard, they can be used with components from other
manufacturers.
Figure 1 —
Component Nomenclature for the ISO Universal Flange System
Applications
The Series 76 ISO-Universal component system is used
in a variety of industries from process manufacturing to
semiconductor fabrication to thin film deposition. Some
uses in vacuum systems are:
1. Roughing and foreline plumbing for large vacuum
systems
2. High vacuum, high conductance, interconnections
3. Modular systems which will be modified frequently
4. Experimental systems in research laboratories
ISO-Universal flange components using elastomer seals
are primarily designed for use at subatmospheric pressure.
When elastomer seals are used without baking, typical
limiting pressures may be around 10-6 Torr. Baked systems
using Viton can be used to 10-8 Torr.
Standard components can be used to a slight over
pressure. MF flanges may be used at a maximum pressure
of 30 psig if the metal spacer ring is used and the flange
clamps are firmly retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com