Electronic Components Datasheet Search
  English  ▼

X  

13T2/Green Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 13T2/Green
Description  13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

13T2/Green Datasheet(HTML) 1 Page - Satco Products, Inc.

  13T2/Green Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7272
13T2/Green
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium
base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7272
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7272
045923072727
120
13
60W
T2
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours
Pack
Package Type
CRI
13T2/Green
4.13''
1.81''
Green
10000
48/12
Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 13T2/Green

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
13T2/Green SATCO-13T2/Green Datasheet
128Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; Green; Medium base; 120 volts
More results

Similar Description - 13T2/Green

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5516 SATCO-S5516 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5518 SATCO-S5518 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7218 SATCO-S7218 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7219 SATCO-S7219 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7267 SATCO-S7267 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7271 SATCO-S7271 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7277 SATCO-S7277 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7412 SATCO-S7412 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 230 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com