Electronic Components Datasheet Search
  English  ▼

X  

D2SB80 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB80
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB80 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  D2SB80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX85C SERIES
Zener Diode
Voltage Range
2.4 to 212 Volts
1.3Watts Power Dissipation
Features
Silicon Planar Power Zener Diodes
For use in stabilizing and clipping circuits with
high power rating
The Zener voltages are graded according to
the international E24 standard. Replace suffix
“C”
Mechanical Data
Case: Molded plastic DO-41
Lead: Axial leads, solderable per
MIIL-STD-202, Method 2025
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 310 mg (approx.)
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation (Note 1)
Pd
1.3
W
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
130
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
OC
Notes: 1. Measured with pulses tp=5ms
2. Valid Provided that Lead are Kept at Ambient Temperature at a distance of
10 mm from case..
3. f = 1KHz.
02.17.2005/rev. a
Preliminary


Similar Part No. - D2SB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
General Purpose Rectifiers(800V 1.5A)
logo
Taiwan Semiconductor Co...
D2SB80 TSC-D2SB80 Datasheet
240Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers GBL
D2SB80 TSC-D2SB80 Datasheet
124Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
D2SB80 DACHANG-D2SB80 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
logo
Taiwan Semiconductor Co...
D2SB80 TSC-D2SB80 Datasheet
194Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - D2SB80

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DB154G TSC-DB154G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005GM TSC-W005GM Datasheet
68Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com