Electronic Components Datasheet Search
  English  ▼

X  

BL01 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # BL01
Description  On-Board Type (DC) EMI Suppression Filters
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BL01 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button BL01 Datasheet HTML 35Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 36Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 37Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 38Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 39Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 40Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 41Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 42Page - List of Unclassifed Manufacturers BL01 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 163 page
background image
38
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Impedance-Frequency Characteristics
BLM21BB221SN1
1000
750
500
250
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BD221SN1
600
450
300
150
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BB331SN1
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BD331SN1
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BD421SN1
1000
750
500
250
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BB471SN1
2000
1500
1000
500
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BD471SN1
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
R
X
Z
BLM21BD601SN1
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
R
X
Z
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C31E9.pdf 03.3.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com