Electronic Components Datasheet Search
  English  ▼

X  

CDT100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CDT100
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CDT100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CDT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CDT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers CDT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers CDT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CTD100, CDT100
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.22
180
oC
0.23
120
oC
0.25
60
oC
0.27
30
oC
0.28
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.42
180
oC
0.43
120
oC
0.45
60
oC
0.47
30
oC
0.48
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
4
0.2
1.32
DEECorp.
3 x CTD/CDT100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com