Electronic Components Datasheet Search
  English  ▼

X  

SC-2D Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # SC-2D
Description  PRESET DIGITAL COUNTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

SC-2D Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  SC-2D Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 Digits
SC-2D
0~99
0.56" 7-Segment LED
155g
160g
165g
Mode "N" Manual Reset
Mode "R" Auto Reset
Output Method
Wattage
N or R Selectable
5VA max.
EEPROM or Non-Memory
UP or Down Counting
Hi > 1 KHz, Lo < 30 Hz
Relay, 1a / 10A
Output Control
Hi > 6V, Lo < 2V
-20 ~ +60 C, 35 ~ 85% RH
2.5K / 1 min.
100 M
/ 500 VDC
Decimal Point
Delay Timer
Insulation Strength
0.1~9.9 Sec
Dielectric Strength
Circumstance
0, 1 or 2 Selectable
60 mV / 12 VDC
DC Output
Range
Display
Weight
Power Supply
90~250 VAC 50/60 Hz
0~999
Reset Input
Hi > 6V, Lo < 2V
Memory Method
Counting Method
Response Freq.
Count Input
0~9999
0.4" 7-Segment LED
0.56" 7-Segment LED
Model
Figure
4 Digits
SC-4D
Digits
3 Digits
SC-3D
12


Similar Part No. - SC-2D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
SC-2 RIEDON-SC-2 Datasheet
170Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
SC-2 COOPER-SC-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-2 EATON-SC-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Cooper Bussmann, Inc.
SC-2-1/2 COOPER-SC-2-1/2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
More results

Similar Description - SC-2D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CR OMRON-H7CR Datasheet
529Kb / 26P
Digital Counter
H8GN OMRON-H8GN Datasheet
570Kb / 26P
Preset Counter/Timer H8GN C-61
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
48x48 digital preset counter
logo
Omron Electronics LLC
H7CX OMRON-H7CX Datasheet
2Mb / 43P
Multifunction Preset Counter
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
logo
SELEC Controls Pvt. Ltd
XC22B SELEC-XC22B Datasheet
138Kb / 1P
4 Digit Preset Counter
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
DIN 48X48 PRESET DIGITAL COUNTER
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
Digital counter
SK-2D FOTEK-SK-2D Datasheet
111Kb / 1P
POWER ON RESET PRESET DIGITAL COUNTER
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
DIGITAL FREQUENCY COUNTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com