Electronic Components Datasheet Search
  English  ▼

X  

CDM-2MX Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # CDM-2MX
Description  M18 TUBULAR TYPE PHOTO SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

CDM-2MX Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  CDM-2MX Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. CDM-2MX Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. CDM-2MX Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. CDM-2MX Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
series
series
series
14
All type with sensitivity adjuster,
easy to get the best sensing condition.
All DC type with NPN & PNP output,
meet any control requirement.
All DC type having over load
protection, and polarity reversed-
Protection.
All AC type with surge protection, may
avoided damaged.
Unique vertical type saving mounted
space.
High solid compact structure, IP66
applied in poor circumstance suitable.
Specification
M18-C
PHOTO SENSOR
M18 TUBULAR TYPE
10 ~ 30 VDC , Ripple < 20% of Vp-p
90 ~ 25 VAC , 50/60 Hz
0.8mA max.
100mA max.
150mA max.
2mA max.
2ms
10% of Sensing Distance max.
10ms
Lamplight < 10,000 Lux. ; Sunlight < 30,000 Lux.
Lead Wire 4 Cores / 5.0 X 2m
Lead Wire 3 Cores / 4.2 X 2m
Plug 3 Pins
Blue
Intensive Polymid
Plug 4 Pins
Reflex Type
Model
Output
Status
Sensing
Direction
Sensing
Distance
Operating
Voltage
Current
Consumption
Output
Method
Sensitivity
Adjuster
CDR-10X
NO
CDR-10XB
NC
CDR-30X
NO
CDR-30XB
NC
CDR-30X-V
NO
CDR-30XB-V
NC
CAR-10X
NO
CAR-10XB
NC
CAR-10X-V
NO
CAR-10XB-V
NC
CDR-10X-M12
NO
CDR-10XB-M12
NC
CDR-30X-M12
NO
CDR-30XB-M12
NC
CDR-30X-V-M12
NO
CDR-30XB-V-M12
NC
Mirror Reflex Type
Model
Output
Status
Sensing
Direction
Sensing
Distance
Operating
Voltage
Current
Consumption
Output
Method
Sensitivity
Adjuster
CDM-1MR
NO
CDM-1MRB
NC
CDM-2MX
NO
CDM-2MXB
NC
CDM-2MX-V
NO
CDM-2MXB-V
NC
CAM-2MX
NO
CAM-2MXB
NC
CAM-2MX-V
NO
CAM-2MXB-V
NC
CDM-2MX-M12
NO
CDM-2MXB-M12
NC
CDM-2MX-V-M12
NO
CDM-2MXB-V-M12
NC
Vertical
Horizontal
Vertical
Horizontal
Vertical
25mA
max.
NPN
&
PNP
150mA max.
270
O
O
Trimmer
30cm
30cm
10cm
10~30VDC
Horizontal
Vertical
Horizontal
Vertical
Horizontal
Vertical
Horizontal
270
O
O
Trimmer
270
O
O
Trimmer
25mA
max.
10cm
10~30VDC
90~250VAC
50/60Hz
10cm
30cm
30cm
10cm
0.1m~2.5m
0.1m~2.0m
Horizontal
90~250VAC
10~30VDC
0.1m~1.6m
0.1m~2.5m
0.1m~2.0m
0.1m~2.0m
20mA
max.
0.5VA
max.
SCR
100mA
NPN
&
PNP
150mA max.
M18-C
M18-C
PHOTO SENSOR
PHOTO SENSOR
M18 TUBULAR TYPE
M18 TUBULAR TYPE
20mA
max.
NPN
&
PNP
150mA max.
10~30VDC
0.5VA
max.
NPN
&
PNP
150mA max.
SCR
100mA
AC Type
DC Type
Operating Voltage
Output Method
Response Time
Sensitivity Adjuster
Hysteresis
Illumination
Leakage Current
Residual Voltage
Output Current
Protection Circuit
Connection Method
Housing Color
Housing Material
Operating Temp./Hum.
Protection Class
Weight
Power Type
13
IP-66
SCR
NPN & PNP
0.8V max.
Short Circuit &
Polarity Reversed Protection
Surge Protection Circuit
Non
270 Trimmer
Grey
270
O
O
Trimmer
270
O
O
Trimmer
270
O
O
Trimmer
-20
o C ~ +60 C ; 35% ~ 95% RH
o



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com