Electronic Components Datasheet Search
  English  ▼

X  

CAM-2MXB Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # CAM-2MXB
Description  M18 TUBULAR TYPE PHOTO SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

CAM-2MXB Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  CAM-2MXB Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. CAM-2MXB Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. CAM-2MXB Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. CAM-2MXB Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
series
series
series
14
All type with sensitivity adjuster,
easy to get the best sensing condition.
All DC type with NPN & PNP output,
meet any control requirement.
All DC type having over load
protection, and polarity reversed-
Protection.
All AC type with surge protection, may
avoided damaged.
Unique vertical type saving mounted
space.
High solid compact structure, IP66
applied in poor circumstance suitable.
Specification
M18-C
PHOTO SENSOR
M18 TUBULAR TYPE
10 ~ 30 VDC , Ripple < 20% of Vp-p
90 ~ 250 VAC , 50/60 Hz
0.8mA max.
100mA max.
150mA max.
2mA max.
2ms
10% of Sensing Distance max.
10ms
Lamplight < 10,000 Lux. ; Sunlight < 30,000 Lux.
Lead Wire 4 Cores / 5.0 X 2m
Lead Wire 3 Cores / 4.2 X 2m
Plug 3 Pins
Blue
Intensive Polymid
Plug 4 Pins
Reflex Type
Model
Output
Status
Sensing
Direction
Sensing
Distance
Operating
Voltage
Current
Consumption
Output
Method
Sensitivity
Adjuster
CDR-10X
NO
CDR-10XB
NC
CDR-30X
NO
CDR-30XB
NC
CDR-30X-V
NO
CDR-30XB-V
NC
CAR-10X
NO
CAR-10XB
NC
CAR-10X-V
NO
CAR-10XB-V
NC
CDR-10X-M12
NO
CDR-10XB-M12
NC
CDR-30X-M12
NO
CDR-30XB-M12
NC
CDR-30X-V-M12
NO
CDR-30XB-V-M12
NC
Mirror Reflex Type
Model
Output
Status
Sensing
Direction
Sensing
Distance
Operating
Voltage
Current
Consumption
Output
Method
Sensitivity
Adjuster
CDM-1MR
NO
CDM-1MRB
NC
CDM-2MX
NO
CDM-2MXB
NC
CDM-2MX-V
NO
CDM-2MXB-V
NC
CAM-2MX
NO
CAM-2MXB
NC
CAM-2MX-V
NO
CAM-2MXB-V
NC
CDM-2MX-M12
NO
CDM-2MXB-M12
NC
CDM-2MX-V-M12
NO
CDM-2MXB-V-M12
NC
Vertical
Horizontal
Vertical
Horizontal
Vertical
25mA
max.
NPN
&
PNP
150mA max.
270
O
O
Trimmer
30cm
30cm
10cm
10~30VDC
Horizontal
Vertical
Horizontal
Vertical
Horizontal
Vertical
Horizontal
270
O
O
Trimmer
270
O
O
Trimmer
25mA
max.
10cm
10~30VDC
90~250VAC
50/60Hz
10cm
30cm
30cm
10cm
0.1m~2.5m
0.1m~2.0m
Horizontal
90~250VAC
10~30VDC
0.1m~1.6m
0.1m~2.5m
0.1m~2.0m
0.1m~2.0m
20mA
max.
0.5VA
max.
SCR
100mA
NPN
&
PNP
150mA max.
M18-C
M18-C
PHOTO SENSOR
PHOTO SENSOR
M18 TUBULAR TYPE
M18 TUBULAR TYPE
20mA
max.
NPN
&
PNP
150mA max.
10~30VDC
0.5VA
max.
NPN
&
PNP
150mA max.
SCR
100mA
AC Type
DC Type
Operating Voltage
Output Method
Response Time
Sensitivity Adjuster
Hysteresis
Illumination
Leakage Current
Residual Voltage
Output Current
Protection Circuit
Connection Method
Housing Color
Housing Material
Operating Temp./Hum.
Protection Class
Weight
Power Type
13
IP-66
SCR
NPN & PNP
0.8V max.
Short Circuit &
Polarity Reversed Protection
Surge Protection Circuit
Non
270 Trimmer
Grey
270
O
O
Trimmer
270
O
O
Trimmer
270
O
O
Trimmer
-20
o C ~ +60 C ; 35% ~ 95% RH
o


Similar Part No. - CAM-2MXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CAM-55G0 STMICROELECTRONICS-CAM-55G0 Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
CAM-55G1 STMICROELECTRONICS-CAM-55G1 Datasheet
1Mb / 5P
VD55G1 promodules: Camera module evaluation samples for instant integration of VD55G1 sensor
17-May-2024
CAM-56G3 STMICROELECTRONICS-CAM-56G3 Datasheet
2Mb / 5P
VD56G3 promodules: Camera module evaluation samples for instant integration of VD56G3 sensor
21-May-2024
CAM-5G0-079CLR STMICROELECTRONICS-CAM-5G0-079CLR Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
CAM-5G0-158CLR STMICROELECTRONICS-CAM-5G0-158CLR Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
More results

Similar Description - CAM-2MXB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS611 TOSHIBA-TPS611 Datasheet
216Kb / 5P
FOR PHOTO SENSOR
logo
Unity Opto Technology
MIR-3307-TC11 UOT-MIR-3307-TC11 Datasheet
230Kb / 9P
SMD Type Reflective Photo Sensor Subminiature Photointerrupter
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
SMD Type Reflective Photo Sensor Subminiature Photointerrupter
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
FOTEK CONTROLS CO., LTD...
FR-1MX FOTEK-FR-1MX Datasheet
2Mb / 2P
STANDARD TYPE PHOTO SENSOR
LT-40MX FOTEK-LT-40MX Datasheet
1Mb / 1P
THRU BEAM TYPE PHOTO SENSOR
PH07-03N FOTEK-PH07-03N Datasheet
963Kb / 3P
Photo sensor
RTM FOTEK-RTM Datasheet
1Mb / 2P
M18 Ultra short tubular type Photo sensor
SU-30X FOTEK-SU-30X Datasheet
911Kb / 2P
U type Photo sensor
UR-10N FOTEK-UR-10N Datasheet
1Mb / 4P
M18 Uni-sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com