Electronic Components Datasheet Search
  English  ▼

X  

100761925 Datasheet(PDF) 4 Page - MKS Instruments.

Part # 100761925
Description  ISO-Universal fittings Sizes NW 63 to NW 630
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100761925 Datasheet(HTML) 4 Page - MKS Instruments.

  100761925 Datasheet HTML 1Page - MKS Instruments. 100761925 Datasheet HTML 2Page - MKS Instruments. 100761925 Datasheet HTML 3Page - MKS Instruments. 100761925 Datasheet HTML 4Page - MKS Instruments. 100761925 Datasheet HTML 5Page - MKS Instruments. 100761925 Datasheet HTML 6Page - MKS Instruments. 100761925 Datasheet HTML 7Page - MKS Instruments. 100761925 Datasheet HTML 8Page - MKS Instruments. 100761925 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Figure 3 shows the dimensions of ISO Universal flange
components for sizes from 63 to 630 mm, which are
standard in this catalog. The maximum size for an MF
flange is NW 500, while the bolted flange can run up to
NW 1000. The recommended number of clamps to be
used with MF flanges are also listed.
Flanges and seals are designed to be tightened to metal
to metal contact. It is important that the clamps or bolts not
be over tightened or warping of the flanges could result.
The torque rating for clamps and bolts is 7 to 10 pounds
per foot.
There are a variety of choices available when selecting
centering ring assemblies. Two types of elastomers
are available, Buna-N and Viton. Use Viton where
temperatures, chemical resistance or long installed life
make it beneficial. Use Buna-N where temperatures are
moderate, and installed useful life is consistent with this
material. The centering ring is available in two types of
metal: stainless steel and aluminum. Use stainless steel
where chemical resistance is needed.
MKS Instruments presently supplies Series 76 ISO-
Universal flanges drilled for inch dimension tubing and
pipe. Weld assembly should be by an experienced TIG
or MIG welder. Bored flanges have been designed for
assembly by internal fusion welding without the use of filler
metal. Tacking is advisable. A weld rotator aides in making
attractive welds with minimum warping. Excessive current
or non uniform rotation can cause warping of the flange
face. When there is a concern about warping, use a flange
with a stub. Buttwelding to stubs in sizes up to 10 inch
diameter with a wall thickness of 1/8 inch can also be by
fusion. Internal purge gas will prevent excessive oxidation.
Remove any oxidation by wire brushing. This should be
done while the part is still slightly warm, since the oxides
are nearly impossible to remove later. Use only a stainless
steel wire brush or wheel, since ordinary steel brushes
leave iron residue which will then rust.
Since the centering ring grooves on the NW 100 and NW
160 flange happen to be almost exactly the diameters of
the tubing to be used with these sizes, the flange can be
inadvertently welded on backwards. When working with
the MF flange, note that the clamp retaining groove goes
to the rear (tube) side. Working with the bolted flange
requires more care. Close inspection of the weld prep
detail will show the recess from the tube side to have a
negligible radius, while there is a small radius visible on
the seal side.
The technical staff of MKS Instruments is available to help
you with system design and any special needs you may
encounter. Call 800-345-1967 for a quotation.
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com