Electronic Components Datasheet Search
  English  ▼

X  

S300D Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # S300D
Description  Silicon Standard Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S300D Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S300D Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S300D Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S300D Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 100 V - 600 V
IF = 300 A
Features
• High Surge Capability
DO-9 Package
• Types up to 600 V V
RRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
S300B (R)
S300D (R)
S300E (R)
S300G (R)
Unit
Repetitive peak reverse
voltage
VRRM
100
200
300
400
V
RMS reverse voltage
VRMS
70
140
212
280
V
DC blocking voltage
VDC
100
200
300
400
V
Continuous forward
current
IF
300
300
300
300
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
S300B (R)
S300D (R)
S300E (R)
S300G (R)
Unit
Diode forward voltage
1.2
1.2
1.2
1.2
10
10
10
10
μA
12
12
12
12
mA
Thermal characteristics
Thermal resistance,
junction - case
RthJC
0.16
0.16
0.16
0.16
°C/W
Silicon Standard
Recovery Diode
-55 to 150
Conditions
TC = 25 °C, tp = 8.3 ms
6850
6850
600
420
600
2. Reverse polarity (R): Stud is anode.
IF,SM
Reverse current
IR
VF
-55 to 150
S300J (R)
10
VR = 100 V, Tj = 175 °C
0.16
1.2
12
V
A
6850
S300B thru S300JR
VR = 100 V, Tj = 25 °C
IF = 300 A, Tj = 25 °C
TC ≤ 130 °C
Conditions
S300J (R)
6850
6850
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
300
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive
forward current, Half Sine
Wave
C
A
A
C
Stud Stud
(R)
C
A
A
C
Stud Stud
(R)
DO-9 (DO--205AB)
9(DO205AB)
G
A
E
D
H
I
F
B
C
1
Oct. 2018
http://www.diodemodule.com/silicon_products/studs/s300b.pdf


Similar Part No. - S300D

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S300D GENESIC-S300D Datasheet
643Kb / 3P
Silicon Standard Recovery Diode
S300D GENESIC-S300D Datasheet
667Kb / 3P
Silicon Standard Recovery Diode
S300D GENESIC-S300D Datasheet
750Kb / 3P
Silicon Standard Recovery Diode
S300DR GENESIC-S300DR Datasheet
643Kb / 3P
Silicon Standard Recovery Diode
S300DR GENESIC-S300DR Datasheet
667Kb / 3P
Silicon Standard Recovery Diode
More results

Similar Description - S300D

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com