Electronic Components Datasheet Search
  English  ▼

X  

SD41 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # SD41
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

SD41 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  SD41 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. SD41 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. SD41 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 35 V - 45 V
IF = 30 A
Features
• High Surge Capability
DO-4 Package
• Types up to 45 V V
RRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Continuous forward current
IF
A
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Diode forward voltage
Thermal characteristics
Thermal resistance, junction -
case
RthJC
°C/W
0.68
1.5
45
30
600
-55 to 150
-55 to 150
45
VR = 35 V, Tj = 125 °C
mA
V
0.68
1.5
25
1.5
VR = 35 V, Tj = 25 °C
IF = 30 A, Tj = 25 °C
1.5
25
32
Conditions
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
-55 to 150
-55 to 150
SD4145 (R)
SD41 (R)
35
25
35
30
TC ≤ 100 °C
SD41 thru SD4145R
Silicon Power
Schottky Diode
2. Reverse polarity (R): Stud is anode.
A
Conditions
TC = 25 °C, tp = 8.3 ms
SD41 (R)
600
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Reverse current
IR
VF
SD4145 (R)
C
A
A
C
Stud Stud
(R)
C
A
A
C
Stud Stud
(R)
Inches
Millimeters
Min
Max
Min
Max
A
10-32 UNF
B
0.424
0.437
10.77
11.10
C
-----
0.505
-----
12.82
D
------
0.800
-----
20.30
E
0.453
0.492
11.50
12.50
F
0.114
0.140
2.90
3.50
G
-----
0.405
-----
10.29
J
-----
0.216
-----
5.50
M
-----
φ0.302
-----
φ7.68
N
0.031
0.045
0.80
1.15
P
0.070
0.79
1.80
2.00
DO- 4 (DO-203AA)
J
G
F
A
E
D
P
N
B
C
M
1
Oct. 2018
http://www.diodemodule.com/silicon_products/studs/sd41.pdf


Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
SD41 NAINA-SD41 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
More results

Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com