Electronic Components Datasheet Search
  English  ▼

X  

100764608 Datasheet(PDF) 5 Page - MKS Instruments.

Part # 100764608
Description  ISO-Universal fittings Sizes NW 63 to NW 630
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100764608 Datasheet(HTML) 5 Page - MKS Instruments.

  100764608 Datasheet HTML 1Page - MKS Instruments. 100764608 Datasheet HTML 2Page - MKS Instruments. 100764608 Datasheet HTML 3Page - MKS Instruments. 100764608 Datasheet HTML 4Page - MKS Instruments. 100764608 Datasheet HTML 5Page - MKS Instruments. 100764608 Datasheet HTML 6Page - MKS Instruments. 100764608 Datasheet HTML 7Page - MKS Instruments. 100764608 Datasheet HTML 8Page - MKS Instruments. 100764608 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Series 76
nominal*
flange
Size
(mm)
H
Suggested
table/Pipe
Dims: **
O.D. x Wall
(inches)
ISO Multi-fastener
flange (ISO-Mf)
ISO Bolted flange
(ISO-Bf)
a
(O.D.)
B
(thickness)
#
Clamps
required
C
(O.D.)
D
(thickness)
e
(Bolt
Circle)
f
(Bolt
Holes)
n
(# Holes)
Wrench
(mm)
NW 63
2.5 x .065
3.74
(95)
.47
(12)
3-4
5.12
(130)
.47
(12)
4.33
(110)
.35
(9)
4
13
NW 80
3.0 x .065
4.33
(110)
.47
(12)
4-8
5.71
(145)
.47
(12)
4.92
(125)
.35
(9)
8
13
NW 100
4.0 x .065
5.12
(130)
.47
(12)
4-8
6.50
(165)
.47
(12)
5.71
(145)
.35
(9)
8
13
NW 160
6.0 x .083
7.09
(180)
.47
(12)
4-8
8.86
(225)
.63
(16)
7.87
(200)
.43
(11)
8
17
NW 200
8.0 x .120
9.45
(240)
.47
(12)
6-12
11.22
(285)
.63
(16)
10.24
(260)
.43
(11)
12
17
NW 250
10.0 x .125
11.42
(290)
.47
(12)
6-12
13.19
(335)
.63
(16)
12.20
(310)
.43
(11)
12
17
NW 320
12.75 x .165
14.57
(370)
.67
(17)
8-12
16.73
(425)
.79
(20)
15.55
(395)
.55
(14)
12
19
NW 400
16.0 x .188
17.72
(450)
.67
(17)
8-16
20.08
(510)
.79
(20)
18.90
(480)
.55
(14)
16
19
NW 500
20.0 x .188
21.65
(550)
.67
(17)
12-16
24.02
(610)
.79
(20)
22.83
(580)
.55
(14)
16
19
NW 630
25.0 x .250
---
---
---
29.53
(750)
.94
(24)
28.35
(720)
.55
(14)
20
19
* NW is retained here by convention. It does not specify the flange type but is from the German “Nennweite,” meaning nominal diameter.
** Schedule 5 pipe is for sizes 320 and above.
elastomer Comparison
Buna-n
viton
®
Compound
N674-70
V747-75
Color
Black
Black
Bakeout
80°C
150°C
Benefits
Seals easier,
lower cost
High temperature,
lasts longer
Specifications
Maximum Pressure
(with spacer ring)
30 psig
Minimum Pressure
10
-8 Torr
Leak Check
>10
-9 std-cc/s
Torque Rating
(clamps and bolts)
7-10 lbs/foot
Materials
Fittings
Retaining Rings
Clamps
Rotatable Bolt Rings
Seal Assembly
304 stainless steel
Steel
Aluminum alloy
Aluminum alloy
Aluminum spacer ring,
choice of aluminum or
stainless steel centering ring,
choice of Viton or Buna-N
elastomer seal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com