Electronic Components Datasheet Search
  English  ▼

X  

MLX90641 Datasheet(PDF) 39 Page - Melexis Microelectronic Systems

Part # MLX90641
Description  16x12 IR array
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90641 Datasheet(HTML) 39 Page - Melexis Microelectronic Systems

Back Button MLX90641 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX90641 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
MLX90641 16x12 IR array
Datasheet
Page 39 of 53
REVISION 2 – FEBRUARY 6, 2019
[DOCSERVER NR]
CT1 = -40°C (hard codded)
< Range 1 > CT2 = -20°C (hard codded) < Range 2 > CT3 = 0°C (hard codded) < Range 3 > CT4 = 80°C
(hard codded)
< Range 4 > CT5 = 120°C (hard codded) < Range 5 > CT6 < Range 6 > CT7 < Range 7 > CT8 < Range 8
11.2.2.9.1.2. Restoring the sensitivity slope for each range
has been extracted in 11.1.10
[
]
If
[
]
If
[
]
If
[
]
If
[
]
If
[
]
If
[
]
If
Now we can calculate sensitivity correction coefficients for each temperature range:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com