Electronic Components Datasheet Search
  English  ▼

X  

MAX11192 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11192
Description  12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11192 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11192 Datasheet HTML 1Page - Maxim Integrated Products MAX11192 Datasheet HTML 2Page - Maxim Integrated Products MAX11192 Datasheet HTML 3Page - Maxim Integrated Products MAX11192 Datasheet HTML 4Page - Maxim Integrated Products MAX11192 Datasheet HTML 5Page - Maxim Integrated Products MAX11192 Datasheet HTML 6Page - Maxim Integrated Products MAX11192 Datasheet HTML 7Page - Maxim Integrated Products MAX11192 Datasheet HTML 8Page - Maxim Integrated Products MAX11192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
(fSample = 2MSPS; VAVDD = 5.0V, VOVDD = 1.8V; VREFIN/OUT = 2.5V (Internal Reference); TA = TMIN to TMAX (Note 1). Typical values
are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
AVDD
3.0
5.0
5.25
V
Interface Supply Voltage
OVDD
1.7
3.6
V
Analog Supply Current
I(AVDD)
5.5
6.2
mA
Interface Supply Current
I(OVDD)
DOUT load: CLOAD = 10pF
0.75
1
mA
Analog Standby Current
IS(AVDD)
(Note 3)
1
mA
Interface Standby Current
IS(OVDD) (Note 3)
1
μA
DIGITAL INPUTS
Input Voltage High
VIH
0.8 x
VOVDD
V
Input Voltage Low
VIL
0.2 x
VOVDD
V
Input Capacitance
2
pF
Input Leakage
1
μA
DIGITAL OUTPUTS
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD
- 0.4
V
Output Voltage Low
VOL
ISINK = 2mA
VOGND
+ 0.4
V
TIMING
Conversion Period
t1
500
ns
SCLK to DOUT Hold
t2
1
ns
SCLK to DOUT Valid
t3
14
ns
SCLK High
t4
8
ns
SCLK Period
t5
20
ns
SCLK low
t6
8
ns
CNVST
Rising Edge to SCLK
Rising Edge
t7
5
ns
SCLK Rising Edge to CNVST
Rising Edge
t8
5
ns
CNVST
High
t9
60
ns
CNVST
Falling Edge to SCLK
Rising Edge
t10
10
ns
SCLK Falling Edge to CNVST
Falling Edge
t11
0
ns
CNVST
Low Time for Valid Sample
t12
400
ns
Electrical Characteristics—MAX11192 (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX11192/MAX11195/
MAX11198
12-/14-/16-Bit, 2Msps, Dual Simultaneous
Sampling SAR ADCs with Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com