Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27
Description  SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM27 Datasheet HTML 1Page - National Semiconductor (TI) LM27 Datasheet HTML 2Page - National Semiconductor (TI) LM27 Datasheet HTML 3Page - National Semiconductor (TI) LM27 Datasheet HTML 4Page - National Semiconductor (TI) LM27 Datasheet HTML 5Page - National Semiconductor (TI) LM27 Datasheet HTML 6Page - National Semiconductor (TI) LM27 Datasheet HTML 7Page - National Semiconductor (TI) LM27 Datasheet HTML 8Page - National Semiconductor (TI) LM27 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM27
SOT-23, ±3˚C Accurate, 120˚C-150˚C Factory Preset
Thermostat
General Description
The LM27 is a precision, single digital-output, low-power
thermostat comprised of an internal reference, DAC, tem-
perature sensor and comparator. Utilizing factory program-
ming, it can be manufactured with different trip points as well
as different digital output functionality. The trip point (T
OS)
can be preset at the factory to any temperature in the range
of +120˚C to +150˚C in 1˚C increments. The LM27 has one
digital output (OS/OS/US/US), one digital input (HYST) and
one analog output (V
TEMP). The digital output stage can be
preset as either open-drain or push-pull. In addition, it can be
factory programmed to be active HIGH or LOW. The digital
output can be factory programmed to indicate an over tem-
perature shutdown event (OS or OS) or an under tempera-
ture shutdown event (US or US). When preset as an over-
temperature shutdown (OS) it will go LOW to indicate that
the die temperature is over the internally preset T
OS and go
HIGH when the temperature goes below (T
OS–THYST). Simi-
larly, when preprogrammed as an undertemperature shut-
down (US) it will go HIGH to indicate that the temperature is
below T
US and go LOW when the temperature is above
(T
US+THYST). The typical hysteresis, THYST, can be set to
2˚C or 10˚C and is controlled by the state of the HYST pin. A
V
TEMP analog output provides a voltage that is proportional
to temperature and has a −10.7mV/˚C output slope.
Currently, there are several standard parts available, see
ordering information for details. For other part options, con-
tact a National Semiconductor Distributor or Sales Repre-
sentative for information on minimum order qualification. The
LM27 is currently available in a 5-lead SOT-23 package.
Applications
n
Microprocessor Thermal Management
n
Appliances
n
Portable Battery Powered Systems
n
Fan Control
n
Industrial Process Control
n
HVAC Systems
n
Electronic System Protection
Features
n
Internal comparator with pin selectable 2˚C or 10˚C
hysteresis
n
No external components required
n
Open-drain or push-pull digital output; supports CMOS
logic levels
n
Internal temperature sensor with V
TEMP output pin
n
V
TEMP output allows after-assembly system testing
n
Internal voltage reference and DAC for trip-point setting
n
Currently available in 5-pin SOT-23 plastic package
n
Excellent power supply noise rejection
Key Specifications
j Power Supply Voltage
2.7V to 5.5V
j Power Supply Current
40µA(max)
15µA(typ)
j Hysteresis Temperature
2˚C or 10˚C(typ)
j Temperature Trip Point Accuracy
±3˚C (max)
LM27CIM5-2HJ Simplified Block Diagram and Connection Diagram
20030701
The LM27CIM5-2HJ has a fixed trip point of 140˚C.
For other trip point and output function availability,
please see ordering information or contact National Semiconductor.
August 2002
© 2002 National Semiconductor Corporation
DS200307
www.national.com


Similar Part No. - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI2-LM27 Datasheet
673Kb / 18P
LM27 SOT-23, ±3°C Accurate, 120°C-150°C Factory Preset Thermostat
REVISED JULY 2013
logo
National Semiconductor ...
LM27-2PLMDA NSC-LM27-2PLMDA Datasheet
237Kb / 10P
짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
logo
Texas Instruments
LM27-2PLMDA TI1-LM27-2PLMDA Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results

Similar Description - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com