Electronic Components Datasheet Search
  English  ▼

X  

MAX17686 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17686
Description  4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17686 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17686 Datasheet HTML 1Page - Maxim Integrated Products MAX17686 Datasheet HTML 2Page - Maxim Integrated Products MAX17686 Datasheet HTML 3Page - Maxim Integrated Products MAX17686 Datasheet HTML 4Page - Maxim Integrated Products MAX17686 Datasheet HTML 5Page - Maxim Integrated Products MAX17686 Datasheet HTML 6Page - Maxim Integrated Products MAX17686 Datasheet HTML 7Page - Maxim Integrated Products MAX17686 Datasheet HTML 8Page - Maxim Integrated Products MAX17686 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VIN = 24V, VGND = VPGND = 0V, CVIN = 2.2μF, CVCC = 1μF, VEN = 1.5V, CSS = 3300pF, VFB = 0.98 x VOUT, COMP = unconnected,
LX = unconnected, RESET = unconnected. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All
voltages are referenced to GND, unless otherwise noted.) (Note 2)
Note 2: All limits are 100% tested at +25°C. Limits over temperature are guaranteed by design.
Note 3: Guaranteed by design, not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
Peak Current-Limit Threshold
IPEAK-LIMIT
1.4
1.65
1.9
A
Runaway Current-Limit
Threshold
IRUNAWAY-
LIMIT
1.45
1.7
2
A
Sink Current-Limit Threshold
ISINK-LIMIT
1.05
1.25
1.45
A
TIMINGS
Switching Frequency
fSW
186
200
213
kHz
Events to Hiccup After Crossing
Runaway Current Limit
1
VOUT Undervoltage Trip Level
to Cause Hiccup
VOUT-HICF
VSS > 0.95V (soft-start is done)
67.86
70.5
73.14
%
Hiccup Timeout
32768
Cycles
Minimum On-Time
tON_MIN
200
300
415
ns
Maximum Duty Cycle
DMAX
VFB = 0.98 x VFB-REG
96.5
97.5
98.5
%
LX Dead Time
12
ns
RESET
RESET
Output Level Low
IRESET = 1mA
0.02
V
RESET
Output Leakage Current
High
VFB = 1.01 x VFB-REG,
TA= 25°C
0.45
μA
FB Threshold for RESET Falling
VFB-OKF
VFB falling
90.5
92.5
94.5
%
FB Threshold for RESET Rising
VFB-OKR
VFB rising
93.5
95.5
97.5
%
RESET
Delay After FB Reaches
95% Regulation
VFB rising
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Temperature rising
165
°C
Thermal Shutdown Hysteresis
10
°C
Electrical Characteristics (continued)
MAX17686
4.5V to 60V Input, High-Efficiency,
Iso-Buck DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com