Electronic Components Datasheet Search
  English  ▼

X  

IL255 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL255
Description  Optocoupler, Phototransistor Output, AC Inout, With Base Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL255 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL255 Datasheet HTML 1Page - Vishay Siliconix IL255 Datasheet HTML 2Page - Vishay Siliconix IL255 Datasheet HTML 3Page - Vishay Siliconix IL255 Datasheet HTML 4Page - Vishay Siliconix IL255 Datasheet HTML 5Page - Vishay Siliconix IL255 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IL255
Document Number 83619
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179010
1
2
3
6
5
4
B
C
E
A/C
C/A
NC
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, AC Input, With Base
Connection
Features
• AC or Polarity Insensitive Inputs
• Continuous Forward Current, 130 mA
• Built-in Reverse Polarity Input Protection
• Improved CTR Symmetry
• Industry Standard DIP Package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• BSI IEC60950 IEC60065
Applications
Telecommunications
Ring Detection
Loop Current Detector
Description
The IL255 is a bidirectional input optically coupled
isolator consisting of two high current GaAs infrared
LEDs coupled to a silicon NPN phototransistor. The
IL255 has a minimum CTR of 20 %
This optocoupler is ideal for applications requiring AC
signal detection and monitoring.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL255
CTR > 20 %, DIP-6
IL255-1
CTR 20 - 80 %, DIP-6
IL255-2
CTR > 50 %, DIP-6
IL255-X007
CTR > 20 %, SMD-6 (option 7)
IL255-X009
CTR > 20 %, SMD-6 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Peak pulsed current
1.0
µs, 300 pps
IFP
3.0
A
Forward continuous current
IF
130
mA
Power dissipation
Pdiss
175
mW
Derate linearly from 25 °C
2.3
mW/°C


Similar Part No. - IL255

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
More results

Similar Description - IL255

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-May-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com