Electronic Components Datasheet Search
  English  ▼

X  

MAX20334 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20334
Description  Overvoltage and Surge-Protected Dual SPDT Data Line Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20334 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20334 Datasheet HTML 1Page - Maxim Integrated Products MAX20334 Datasheet HTML 2Page - Maxim Integrated Products MAX20334 Datasheet HTML 3Page - Maxim Integrated Products MAX20334 Datasheet HTML 4Page - Maxim Integrated Products MAX20334 Datasheet HTML 5Page - Maxim Integrated Products MAX20334 Datasheet HTML 6Page - Maxim Integrated Products MAX20334 Datasheet HTML 7Page - Maxim Integrated Products MAX20334 Datasheet HTML 8Page - Maxim Integrated Products MAX20334 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Note 2: All devices are 100% production tested at TA = +25°C. Specifications over the operating temperature range are guaranteed
by design.
Note 3: The switch turns off for voltages above VPOVLO protecting downstream circuits in case of a fault condition.
Note 4: Guaranteed by design.
Note 5: ∆RON(MAX) = | RON(CH1) – RON(CH2) |
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance, as measured over specified
analog signal ranges.
Note 7: Between two switches.
(VCC = 2.7V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 4.3V, TA = +25°C) (Note 2)
Figure 1. Timing Diagram
MAX20334
Overvoltage and Surge-Protected
Dual SPDT Data Line Switch
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
THERMAL PROTECTION
Thermal Shutdown
TSHDN
150
°C
Thermal Hysteresis
THYST
20
°C
ESD PROTECTION
Human Body Model
COMA,
COMB
±15
kV
IEC61000-4-2 Contact
Discharge
COMA,
COMB
±6
kV
IEC61000-4-2 Air Gap
COMA,
COMB
±15
kV
Human Body Model
All Other
Pins
±1.5
kV
COM_
VPOVLO
PA_/PB_
tOFF
tON
EN
FLAG
VPOVLO
VIH
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com