Electronic Components Datasheet Search
  English  ▼

X  

MAX25610 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25610
Description  5V to 18V Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25610 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25610 Datasheet HTML 1Page - Maxim Integrated Products MAX25610 Datasheet HTML 2Page - Maxim Integrated Products MAX25610 Datasheet HTML 3Page - Maxim Integrated Products MAX25610 Datasheet HTML 4Page - Maxim Integrated Products MAX25610 Datasheet HTML 5Page - Maxim Integrated Products MAX25610 Datasheet HTML 6Page - Maxim Integrated Products MAX25610 Datasheet HTML 7Page - Maxim Integrated Products MAX25610 Datasheet HTML 8Page - Maxim Integrated Products MAX25610 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX25610A
MAX25610 Evaluation Kit
MAX25610 EV Kit Bill of Materials
ITEM
QTY
REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
5
C2, C12, C14, C20, C21
GRM32ER71H106KA12; CL32B106KBJNNN;
UMJ325KB7106KMH; 12105C106K4Z2A
MURATA;SAMSUNG
ELECTRONICS;TAIYO YU
10µF
CAPACITOR; SMT (1210); CERAMIC CHIP;
10µF; 50V; TOL = 10%; TG = -55°C TO +125°C;
TC = X7R
2
3
C3, C5, C37
GRM188C71E225KE11
MURATA
2.2µF
CAPACITOR; SMT (0603); CERAMIC CHIP;
2.2µF; 25V; TOL = 10%; TG = -55°C TO +125°C;
TC = X7S
3
1
C4
885012206071;CGJ3E2X7R1E104K080AA;
C1608X7R1E104K080AA;C0603C104K3RAC;
GRM188R71E104KA01;C1608X7R1E104K
WURTH ELECTRONICS INC;
TDK;TDK;KEMET
0.1µF
CAPACITOR; SMT; 0603; CERAMIC; 0.1µF;
25V; 10%; X7R; -55°C to + 125°C;
±15% from -55°C to +125°C; NOT
RECOMMENDED FOR NEW DESIGN USE - 20-
000u1-01
4
1
C6
C1608C0G2A102J080AA
TDK
1000PF
CAPACITOR; SMT (0603); CERAMIC CHIP;
1000PF; 100V; TOL = 5%; TG = -55°C TO
+125°C; TC = C0G
5
1
C7
C0603C102M3GAC
KEMET
0.001µF
CAPACITOR; SMT (0603); CERAMIC CHIP;
0.001µF; 25V; TOL = 20%; MODEL = C SERIES;
TG = -55°C TO +125°C
6
2
C8, C36
C1608X8R1E104K080AA
TDK
0.1µF
CAPACITOR; SMT (0603); CERAMIC CHIP;
0.1µF; 25V; TOL = 10%; TG = -55°C TO +150°C;
TC = X8R
7
1
C9
ECH-U1C221JX5
PANASONIC
220PF
CAPACITOR; SMT (0603); CERAMIC CHIP;
220PF; 50V; TOL = 5%; MODEL = PPS; TG = -
55°C TO +85°C; TC = ±
8
1
C10
C0603C224K3RAC;GMC10X7R224K25;
GRM188R71E224KA88;C1608X7R1E224K080AC
KEMET;MURATA;MURATA;TDK
0.22µF
CAPACITOR; SMT (0603); CERAMIC CHIP;
0.22µF; 25V; TOL = 10%; TG = -55°C TO +125°C;
TC = X7R
9
1
C11
C1608X7R1H224K080; GRM188R71H224KAC4
TDK;MURATA
0.22µF
CAPACITOR; SMT (0603); CERAMIC CHIP;
0.22µF; 50V; TOL = 10%; TG = -55°C TO +125°C;
TC = X7R
10
2
C13, C19
GRM32ER72A225KA35;
CGA6N3X7R2A225K230AB;
CC1210KKX7R0BB225;HMK325B7225KM
MURATA;TDK;YAGEO;
TAIYO YUDEN
2.2µF
CAPACITOR; SMT (1210); CERAMIC CHIP;
2.2µF; 100V; TOL = 10%; MODEL = GRM
SERIES; TG = -55°C to +125°C; TC = X7R
11
1
C17
YFF31AH2A105M
TDK
1µF
EVKIT PART-CAPACITOR; SMT (1206);
CERAMIC CHIP; 1µF; 100V; AUTO
12
1
C30
EEH-ZA1H101P
PANASONIC
100µF
CAPACITOR; SMT (CASE_G); ALUMINUM-
ELECTROLYTIC; 100µF; 50V; TOL = 20%
13
1
FB1
HF70ACB322513
TDK
52
INDUCTOR; SMT (1210); FERRITE-BEAD;
52; TOL = ±25%; 0.4A; -40°C TO +125°C
14
7
FLTB, OUTOVP, PWMDIM,
PWMFRQ, REFI, VCC, VEE
5007
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.125IN; TOTAL
LENGTH = 0.35IN; BOARD HOLE = 0.063IN;
WHITE; PHOSPHOR BRONZE WIRE SILVER
PLATE FINISH; RECOMMENDED FOR BOARD
THICKNESS = 0.062IN; NOT FOR COLD TEST
15
8
GND_BB, GND_BOARD,
IC_GND, IC_GND_2, LED+,
LEDEXT-, VIN_BOARD,
VIN_NO_EMI
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE;
NATURAL; SOLID; WEICO WIRE; SOFT
DRAWN BUS TYPE-S; 20AWG
16
2
J1, J7
PCC02SAAN
SULLINS
PCC02SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT THROUGH; 2PINS; -
65°C TO +125°C
17
2
J2, J4
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT THROUGH; 3PINS; -
65°C TO +125°C
18
1
L1
MSS1278T-333ML
COILCRAFT
33µH
INDUCTOR; SMT; FERRITE BOBBIN CORE;
33µH; TOL = ±20%; 3.1A; -40°C TO +125°C
19
1
L2
MSS1278T-472ML
COILCRAFT
4.7µH
INDUCTOR; SMT; FERRITE BOBBIN CORE;
4.7µH; TOL = ±0.2; 6.2A; -40°C TO +125°C
20
4
MH1-MH4
9032
KEYSTONE
9032
MACHINE FABRICATED; ROUND-THRU
HOLE SPACER; NO THREAD; M3.5; 5/8IN;
NYLON
21
1
Q1
DMN6075S
DIODES INCORPORATED
DMN6075S
TRAN; N-CHANNEL ENHANCEMENT MODE
MOSFET; NCH; SOT-23; PD-(0.8W); I-(2A); V-
(60V)
22
1
Q4
MMBT2907A
FAIRCHILD SEMICONDUCTOR
MMBT2907A
TRAN; SMALL SIGNAL TRANSISTOR; PNP;
SOT-23; PD-(0.35W); IC-(-0.6A);
VCEO-(-60V)
23
1
Q5
MMBT2222LT1G
ON SEMICONDUCTOR
MMBT2222LT1G
TRAN; NPN; SOT-23; PD-(0.225W);
I-(0.6A); V-(30V)
24
1
R2
CSR1206FTR130
STACKPOLE ELECTRONICS INC
0.13 RESISTOR; 1206; 0.13 Ω; 1%; 100PPM;
0.5W; THICK FILM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com